Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ACD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TL431ACD
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431ACD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TL431ACD Datasheet HTML 5Page - NXP Semiconductors TL431ACD Datasheet HTML 6Page - NXP Semiconductors TL431ACD Datasheet HTML 7Page - NXP Semiconductors TL431ACD Datasheet HTML 8Page - NXP Semiconductors TL431ACD Datasheet HTML 9Page - NXP Semiconductors TL431ACD Datasheet HTML 10Page - NXP Semiconductors TL431ACD Datasheet HTML 11Page - NXP Semiconductors TL431ACD Datasheet HTML 12Page - NXP Semiconductors TL431ACD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
9
IK
OUTPUT
GND
50
Ω
1k
Ω
Test Circuit for Reference Impedance
1K
10K
100K
1M
10M
0.1
1
10
100
f – FREQUENCY – Hz
SL01175
IK = 10mA
Tamb = 25°C
Figure 16.
Reference Impedance vs. Frequency
20
10
0
1K
10K
100K
1M
10M
FREQUENCY IN Hz
70
60
50
40
30
IK = 10mA
Tamb = 25°C
SL01181
Test Circuit for Voltage Amplification
230
Ω
IK
15k
Ω
OUTPUT
GND
8.25k
Ω
9
µF
Figure 17.
Small-Signal Voltage Amplification vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com