Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H838024S Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # H838024S
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024S Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button H838024S Datasheet HTML 4Page - Renesas Technology Corp H838024S Datasheet HTML 5Page - Renesas Technology Corp H838024S Datasheet HTML 6Page - Renesas Technology Corp H838024S Datasheet HTML 7Page - Renesas Technology Corp H838024S Datasheet HTML 8Page - Renesas Technology Corp H838024S Datasheet HTML 9Page - Renesas Technology Corp H838024S Datasheet HTML 10Page - Renesas Technology Corp H838024S Datasheet HTML 11Page - Renesas Technology Corp H838024S Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page viii of xlii
• Application note
Name of Document
Document No.
H8/300 Series, H8/300L Series software
ADE-502-052
Notes: The following limitations apply to H8/38024, H8/38024R, and H8/38124 programming
and debugging when the on-chip emulator is used.
1. Pin 95 is not available because it is used exclusively by the on-chip emulator.
2. Pins 33, 34, and 35 are unavailable for use. In order to use these pins additional
hardware must be mounted on the user board.
3. The address range H'7000 to H'7FFF is used by the on-chip emulator and is unavailable
to the user.
4. The address range H'F780 to H'FB7F must not be accessed under any circumstances.
5. When the on-chip emulator is being used, pin 95 is I/O, pins 33 and 34 are input, and
pin 35 is output.
6. When using the on-chip emulator, pins OSC1 and OSC2 should be connected to an
oscillator, or an external clock should be supplied to pin OSC1, even if the on-chip
oscillator of the H8/38124 Group is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com