Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F3012AT20I/ML Datasheet(PDF) 95 Page - Microchip Technology

Part # DSPIC30F3012AT20I/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3012AT20I/ML Datasheet(HTML) 95 Page - Microchip Technology

Back Button DSPIC30F3012AT20I/ML Datasheet HTML 91Page - Microchip Technology DSPIC30F3012AT20I/ML Datasheet HTML 92Page - Microchip Technology DSPIC30F3012AT20I/ML Datasheet HTML 93Page - Microchip Technology DSPIC30F3012AT20I/ML Datasheet HTML 94Page - Microchip Technology DSPIC30F3012AT20I/ML Datasheet HTML 95Page - Microchip Technology DSPIC30F3012AT20I/ML Datasheet HTML 96Page - Microchip Technology DSPIC30F3012AT20I/ML Datasheet HTML 97Page - Microchip Technology DSPIC30F3012AT20I/ML Datasheet HTML 98Page - Microchip Technology DSPIC30F3012AT20I/ML Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 93
dsPIC30F2011/2012/3012/3013
14.0
I2C™ MODULE
The Inter-Integrated Circuit (I2CTM) module provides
complete hardware support for both Slave and Multi-
Master modes of the I2C serial communication
standard, with a 16-bit interface.
This module offers the following key features:
•I2C interface supporting both master and slave
operation.
•I2C Slave mode supports 7 and 10-bit address.
•I2C Master mode supports 7 and 10-bit address.
•I2C port allows bidirectional transfers between
master and slaves.
• Serial clock synchronization for I2C port can be
used as a handshake mechanism to suspend and
resume serial transfer (SCLREL control).
•I2C supports multi-master operation; detects bus
collision and will arbitrate accordingly.
14.1
Operating Function Description
The hardware fully implements all the master and slave
functions of the I2C Standard and Fast mode
specifications, as well as 7 and 10-bit addressing.
Thus, the I2C module can operate either as a slave or
a master on an I2C bus.
14.1.1
VARIOUS I2C MODES
The following types of I2C operation are supported:
•I2C slave operation with 7-bit address
•I2C slave operation with 10-bit address
•I2C master operation with 7 or 10-bit address
See the I2C programmer’s model (Figure 14-1).
14.1.2
PIN CONFIGURATION IN I2C MODE
I2C has a 2-pin interface: the SCL pin is clock and the
SDA pin is data.
14.1.3
I2C REGISTERS
I2CCON and I2CSTAT are control and status registers,
respectively. The I2CCON register is readable and writ-
able. The lower 6 bits of I2CSTAT are read-only. The
remaining bits of the I2CSTAT are read/write.
I2CRSR is the shift register used for shifting data,
whereas I2CRCV is the buffer register to which data
bytes are written, or from which data bytes are read.
I2CRCV is the receive buffer as shown in Figure 14-1.
I2CTRN is the transmit register to which bytes are
written during a transmit operation, as shown in
Figure 14-2.
The I2CADD register holds the slave address. A Status
bit, ADD10, indicates 10-bit Address mode. The
I2CBRG acts as the Baud Rate Generator reload
value.
In receive operations, I2CRSR and I2CRCV together
form a double-buffered receiver. When I2CRSR
receives a complete byte, it is transferred to I2CRCV
and
an
interrupt
pulse
is
generated.
During
transmission, the I2CTRN is not double-buffered.
FIGURE 14-1:
PROGRAMMER’S MODEL
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046).
Note:
Following a Restart condition in 10-bit
mode, the user only needs to match the
first 7-bit address.
Bit 7
Bit 0
I2CRCV (8 bits)
Bit 7
Bit 0
I2CTRN (8 bits)
Bit 8
Bit 0
I2CBRG (9 bits)
Bit 15
Bit 0
I2CCON (16 bits)
Bit 15
Bit 0
I2CSTAT (16 bits)
Bit 9
Bit 0
I2CADD (10 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com