Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD5000AZRZ Datasheet(PDF) 2 Page - Western Digital Corporation or its affiliates.

Part # WD5000AZRZ
Description  3.5-INCH PC HARD DRIVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD5000AZRZ Datasheet(HTML) 2 Page - Western Digital Corporation or its affiliates.

  WD5000AZRZ Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD5000AZRZ Datasheet HTML 2Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
February 2019 2879-771436-A14
© 2018 Western Digital Corporation or its affiliates. All rights reserved. Produced 6/18. Western
Digital, the Western Digital logo, F.I.T. Lab, NoTouch and WD Blue are registered trademarks or trade-
marks of Western Digital Corporation or its affiliates in the US and/or other countries. All other marks
are the property of their respective owners. Product specifications subject to change without notice.
Picture shown may vary from actual product. Not all products are available in all regions of the world.
5601 Great Oaks Parkway
San Jose, CA 95119, USA
US (Toll-Free): 800.801.4618
International: 408.717.6000
www.westerndigital.com
Specifications
6TB
6TB
4TB
3TB
2TB
2TB
1TB
1TB
500GB
500GB
Model Number²
WD60EZAZ
WD60EZRZ
WD40EZRZ
WD30EZRZ
WD20EZAZ
WD20EZRZ
WD10EZRZ
WD10EZEX WD5000AZRZ WD5000AZLX
Formatted capacity¹
6TB
6TB
4TB
3TB
2TB
2TB
1TB
1TB
500GB
500GB
Form factor
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
Advanced Format (AF)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
RoHS compliant³
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Performance
Interface transfer rate (max)¹
Buffer to host
Host to/from drive (sustained)
6 Gb/s
180 MB/s
6 Gb/s
170 MB/s
6 Gb/s
175 MB/s
6 Gb/s
147 MB/s
6 Gb/s
180 MB/s
6 Gb/s
147 MB/s
6 Gb/s
150 MB/s
6 Gb/s
150 MB/s
6 Gb/s
150 MB/s
6 Gb/s
150 MB/s
Cache (MB)¹
256
64
64
64
256
64
64
64
64
32
Performance Class
5400 RPM
5400 RPM
5400 RPM
5400 RPM
5400 RPM
5400 RPM
5400 RPM
7200 RPM
5400 RPM
7200 RPM
Reliability/Data Integrity
Load/unload cycles⁴
300,000
300,000
300,000
300,000
300,000
300,000
300,000
300,000
300,000
300,000
Non-recoverable read errors
per bits read
<1 in 1015
<1 in 1015
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
Limited warranty (years)⁵
2
2
2
2
2
2
2
2
2
2
Power Management6
Average power requirements (W)
12VDC ±10% (A, peak)
Read/Write
Idle
Standby and Sleep
1.75
4.8
3.1
0.6
1.75
5.3
3.4
0.4
1.75
4.5
2.9
0.4
1.73
4.1
3.0
0.4
1.31
4.1
2.3
0.6
1.73
4.1
3.0
0.4
1.2
3.3
2.5
0.4
2.5
6.8
6.1
1.2
2.0
3.3
2.5
0.4
2.0
3.3
2.5
0.4
Environmental Specifications7
Temperature (°C, on the base casting)
Operating
Non-operating
0 to 60
-40 to 70
0 to 60
-40 to 70
0 to 60
-40 to 70
0 to 60
-40 to 70
0 to 60
-40 to 70
0 to 60
-40 to 70
0 to 60
-40 to 70
0 to 60
-40 to 70
0 to 60
-40 to 70
0 to 60
-40 to 70
Shock (Gs)
Operating (2 ms, read/write)
Operating (2 ms, read)
Non-operating (2 ms)
30
65
250
30
65
250
30
65
250
30
65
250
30
65
350
30
65
250
30
65
350
30
65
350
30
65
350
30
65
350
Acoustics (dBA)8
Idle
Seek (average)
23
27
25
28
23
27
23
27
21
26
23
27
21
24
29
30
29
30
29
30
Physical Dimensions
Height (in./mm, max)
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
Length (in./mm, max)
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
Width (in./mm, ± .01 in.)
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
Weight (lb/kg, ± 10%)
1.40/0.64
1.65/0.75
1.40/0.64
1.40/0.715
0.99/0.45
1.32/0.60
0.99/0.45
0.99/0.45
0.99/0.45
0.99/0.45
DATA SHEET
PC HARD DRIVES
WD Blue™
¹ As used for storage capacity, one gigabyte (GB) = one
billion bytes and one terabyte (TB) = one trillion bytes.
Total accessible capacity varies depending on operating
environment. As used for buffer or cache, one megabyte
(MB) = 1,048,576 bytes. As used for transfer rate or interface,
megabyte per second (MB/s) = one million bytes per
second, and gigabit per second (Gb/s) = one billion bits
per second. Effective maximum SATA 6 Gb/s transfer
rate calculated according to the Serial ATA specification
published by the SATA-IO organization as of the date of this
specification sheet. Visit www.sata-io.org for details.
² Not all products may be available in all regions of the world.
³ WD hard drive products manufactured and sold worldwide
after June 8, 2011, meet or exceed Restriction of Hazardous
Substances (RoHS) compliance requirements as mandated
by the RoHS Directive 2011/65/EU.
⁴ Controlled unload at ambient condition.
⁵ See http://support.wd.com/warranty for regional specific
warranty details.
7
Power measurements at room-ambient temperature.
⁶ No non-recoverable errors during operating tests or after
non-operating tests.
8
Sound power level.
Canada ICES-003 Class B / NMB-003 Classe B
DATA SHEET
3.5-INCH PC HARD DRIVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com