Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR240Z Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # LR240Z
Description  GREEN OVAL LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR240Z Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button LR240Z Datasheet HTML 4Page - Seoul Semiconductor LR240Z Datasheet HTML 5Page - Seoul Semiconductor LR240Z Datasheet HTML 6Page - Seoul Semiconductor LR240Z Datasheet HTML 7Page - Seoul Semiconductor LR240Z Datasheet HTML 8Page - Seoul Semiconductor LR240Z Datasheet HTML 9Page - Seoul Semiconductor LR240Z Datasheet HTML 10Page - Seoul Semiconductor LR240Z Datasheet HTML 11Page - Seoul Semiconductor LR240Z Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.2
Document No. : SSC-QP-7-07-24 (Rev.00)
9. Soldering Profile
1) Wave Soldering Conditions / Profile
• Preliminary heating to be at 85ºC(120 ºC max) for 20 seconds(60 seconds max).
• Soldering heat to be at 255 ºC (260ºC max) for 10 seconds
• Soak time above 200 ºC is 5 seconds
2) Hand Soldering conditions
• Not more than 3 seconds at max. 350ºC, under Soldering iron
.
3) Caution
• Lead frames are silver plated copper alloy. This substance has a low thermal coefficient
(easily conducts heat)
• The LEDs must not be repositioned after soldering.
• Do not apply any stress to the lead particularly when heat.
0
2
4
6
8
10
1 2
1 4
16
18
2 0
22
24
26
2 8
30
3 2
34
36
0
50
10 0
15 0
20 0
25 0
30 0
Tim e [s ]
PREHEAT
20s (60s Max)
85 ºC(120 ºC max)
PEAK
10s
255 ºC (260 ºC max)
Note : In case the soldered products are reused in soldering process, we don’t guarantee the products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com