Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2442CPWR Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV2442CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2442CPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2442CPWR Datasheet HTML 15Page - Texas Instruments TLV2442CPWR Datasheet HTML 16Page - Texas Instruments TLV2442CPWR Datasheet HTML 17Page - Texas Instruments TLV2442CPWR Datasheet HTML 18Page - Texas Instruments TLV2442CPWR Datasheet HTML 19Page - Texas Instruments TLV2442CPWR Datasheet HTML 20Page - Texas Instruments TLV2442CPWR Datasheet HTML 21Page - Texas Instruments TLV2442CPWR Datasheet HTML 22Page - Texas Instruments TLV2442CPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 35
3
2
1
0
12
345
678
9
t – Time –
µs
VDD = 3 V
RL = 600 Ω
CL = 100 pF
AV = 1
TA = 25°C
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
0
10
Figure 36
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
4
0.5
1
1.5
2
2.5
2
1
3
5
3
3.5
4
4.5
t – Time –
µs
VDD = 5 V
RL = 600 Ω
CL = 100 pF
AV = 1
TA = 25°C
0
0
5
Figure 37
1.48
1.46
1.44
12
3
4
5
1.52
1.56
1.58
79
10
t – Time –
µs
VDD = 3 V
RL = 600 Ω
CL = 100 pF
AV = –1
TA = 25°C
INVERTING SMALL-SIGNAL PULSE RESPONSE
06
8
1.5
1.54
Figure 38
0
1
2
3
45
67
8
t – Time –
µs
INVERTING SMALL-SIGNAL PULSE RESPONSE
VDD = 5 V
RL = 600 Ω
CL = 100 pF
AV = –1
TA = 25°C
2.44
2.46
2.48
2.5
2.52
2.54
2.56
2.58
910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com