Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT45B Datasheet(PDF) 1 Page - TDK Electronics

Part # ACT45B
Description  Common Mode Filters(SMD) For CAN-BUS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45B Datasheet(HTML) 1 Page - TDK Electronics

  ACT45B Datasheet HTML 1Page - TDK Electronics ACT45B Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
002-04 / 20070206 / e9711_act45b.fm
• All specifications are subject to change without notice.
Common Mode Filters(SMD)
For CAN-BUS
ACT Series ACT45B Type
FEATURES
• Operating temperature range covers from –40 to +150°C.
• Non-dissolution of the abutment amounts in circuit board
mounting.
• The products contain no lead and also support lead-free
soldering.
• This product conforms to the standards that are slated to be
introduced under the RoHS Directive.
APPLICATIONS
CAN-BUS system, facsimiles, modems, ISDN
PACKAGING STYLE AND QUANTITIES
PRODUCT IDENTIFICATION
(1) Series name
(2) Inductance value (typ.)
(3) Number of line
2P: 2-line
(4) Packaging style
TL: ø330mm reel taping
(5) TDK internal code
SHAPES AND DIMENSIONS
CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
ACT45B-110-2P
ACT45B-220-2P
Conformity to RoHS Directive
Packaging style
Quantity
Taping
2000 pieces/reel
ACT45B - 510 - 2P - TL -
(1)
(2)
(3)
(4)
(5)
Part No.
Common mode
impedance
(
Ω)[10MHz]
Common mode
inductance
(µH)+50/–30%
[100kHz]
Stray inductance
(µH)typ.
[100kHz]
DC resistance
(
Ω)max.
Rated current
(A)max.
Insulation
resistance
(M
Ω)min.
Rated voltage
(V)max.
min.
typ.
ACT45B-110-2P
300
700
11
0.05
0.6
0.25
10
50
ACT45B-220-2P
500
1000
22
0.08
1.0
0.2
10
50
ACT45B-510-2P
1000
2000
51
0.15
1.0
0.2
10
50
ACT45B-101-2P
2000
5000
100
0.20
3.0
0.1
10
50
4.5
±0.2
1
2
4
3
0.65
±0.1
0.7
±0.1
Weight: 0.14g
Dimensions in mm
Dimensions in mm
5.9
3.2
1
2
4
3
• No polarity
1
10
100
1000
Frequency(MHz)
Common mode
Differential mode
100000
10000
1000
100
10
1
10
100
1000
Frequency(MHz)
Common mode
Differential mode
100000
10000
1000
100
10
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ACT45B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
Common Mode Filters SMD
logo
EPCOS
ACT45B EPCOS-ACT45B Datasheet
544Kb / 7P
ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
More results

Similar Description - ACT45B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
Common Mode Filters SMD
ACM2012D TDK-ACM2012D Datasheet
42Kb / 2P
Common Mode Filters(SMD) For DVI / HDMI
ACM4520 TDK-ACM4520 Datasheet
41Kb / 2P
Common Mode Filters(SMD) For Power Line
ACM-V TDK-ACM-V Datasheet
60Kb / 2P
Common Mode Filters(SMD) For Power Line
TCM2010H TDK-TCM2010H Datasheet
43Kb / 2P
Common Mode Filters(SMD) For HDMI/S-ATA
ZCYS TDK-ZCYS Datasheet
51Kb / 2P
Common Mode Filters(SMD) For xDSL
ZJYS81 TDK-ZJYS81 Datasheet
40Kb / 2P
Common Mode Filters(SMD) For CAN-BUS / General Signal Line
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
SMD Common Mode Filters
logo
TDK Electronics
ACM7060-701-2PL-TL TDK-ACM7060-701-2PL-TL Datasheet
91Kb / 3P
Common Mode Filters(SMD)
logo
List of Unclassifed Man...
CC1812C513R-10 ETC2-CC1812C513R-10 Datasheet
663Kb / 2P
CAN-Bus Common Mode Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com