Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8022 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8022
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8022 Datasheet HTML 3Page - Analog Devices AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices AD8022 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8022
Rev. C | Page 7 of 16
FREQUENCY (Hz)
80
30
60
50
70
40
0
20
10
–10
5k 10k
100k
10M
1M
100M
500M
Figure 10. Open-Loop Gain vs. Frequency
FREQUENCY (Hz)
0
180
–180
5k 10k
100k
10M
1M
100M
500M
Figure 11. Open-Loop Phase vs. Frequency
OUTPUT
INPUT
100mV
100mV
100ns
100
90
10
0%
Figure 12. Noninverting Small Signal Pulse Response,
RL = 500 Ω, VS = ±12 V, G = +1, RF = 0 Ω
OUTPUT
INPUT
100mV
100mV
100ns
100
90
10
0%
Figure 13. Noninverting Small Signal Pulse Response,
RL = 500 Ω, VS = ±2.5 V, G = +1, RF = 0 Ω
OUTPUT
INPUT
2.00V
2.00V
100ns
100
90
10
0%
Figure 14. Noninverting Large Signal Pulse Response,
RL = 500 Ω, VS = ±12 V, G = +1, RF = 0 Ω
OUTPUT
INPUT
1.00V
1.00V
100ns
100
90
10
0%
Figure 15. Noninverting Large Signal Pulse Response,
RL = 500 Ω, VS = ±2.5 V, G = +1, RF = 0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com