Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297FPZ Datasheet(PDF) 12 Page - Analog Devices

Part # OP297FPZ
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297FPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button OP297FPZ Datasheet HTML 8Page - Analog Devices OP297FPZ Datasheet HTML 9Page - Analog Devices OP297FPZ Datasheet HTML 10Page - Analog Devices OP297FPZ Datasheet HTML 11Page - Analog Devices OP297FPZ Datasheet HTML 12Page - Analog Devices OP297FPZ Datasheet HTML 13Page - Analog Devices OP297FPZ Datasheet HTML 14Page - Analog Devices OP297FPZ Datasheet HTML 15Page - Analog Devices OP297FPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP297
Rev. G | Page 12 of 16
NONLINEAR CIRCUITS
Due to its low input bias currents, the OP297 is an ideal log
amplifier in nonlinear circuits such as the square and square
root circuits shown in Figure 35 and Figure 36. Using the
squaring circuit of Figure 35 as an example, the analysis begins
by writing a voltage loop equation across Transistor Q1,
Transistor Q2, Transistor Q3, and Transistor Q4.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
S4
REF
T4
S3
OUT
T3
S
IN
T2
S1
IN
T1
I
I
V
I
I
V
I
I
V
I
I
V
ln
ln
ln
ln
2
All the transistors of the MAT04 are precisely matched and at
the same temperature, so the IS and VT terms cancel, where
2lnIIN = lnIOUT + lnIREF = ln(IOUT × IREF)
Exponentiating both sides of the equation leads to
()
REF
IN
OUT
I
I
I
2
=
Op Amp A2 forms a current-to-voltage converter, which gives
VOUT = R2 × IOUT. Substituting (VIN/R1) for IIN and the previous
equation for IOUT yields
2
⎟
⎠
⎞
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
R1
V
I
R2
V
IN
REF
OUT
A similar analysis made for the square root circuit of Figure 36
leads to its transfer function
()(
)
R1
I
V
R2
V
REF
IN
OUT =
7
6
5
–15V
1
2
3
V+
V–
Q3
Q1
Q2
Q4
13
14
12
8
9
10
4
8
6
5
7
2
3
1
MAT04E
–
+
1/2
OP297
–
+
1/2
OP297
VIN
R1
33kΩ
C1
100pF
R3
50kΩ
R4
50kΩ
IREF
C2
100pF
R2
33kΩ
VOUT
IOUT
Figure 35. Squaring Amplifier
7
6
5
IOUT
–15V
1
2
3
V+
V–
Q1
7
9
10
4
8
3
1
MAT04E
8
Q3
5
6
Q4
13
12
14
Q2
R2
33kΩ
C2
100pF
C1
100pF
R1
33kΩ
R3
50kΩ
R4
50kΩ
VOUT
IREF
–
+
1/2
OP297
–
+
1/2
OP297
VIN
Figure 36. Square Root Amplifier
In these circuits, IREF is a function of the negative power supply.
To maintain accuracy, the negative supply should be well regu-
lated. For applications where very high accuracy is required, a
voltage reference can be used to set IREF.
An important consideration for the squaring circuit is that a
sufficiently large input voltage can force the output beyond the
operating range of the output op amp. Resistor R4 can be
changed to scale IREF or R1; R2 can be varied to keep the output
voltage within the usable range.
Unadjusted accuracy of the square root circuit is better than
0.1% over an input voltage range of 100 mV to 10 V. For a
similar input voltage range, the accuracy of the squaring circuit
is better than 0.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com