Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9064IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9064IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9064IPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLV9064IPWR Datasheet HTML 1Page - Texas Instruments TLV9064IPWR Datasheet HTML 2Page - Texas Instruments TLV9064IPWR Datasheet HTML 3Page - Texas Instruments TLV9064IPWR Datasheet HTML 4Page - Texas Instruments TLV9064IPWR Datasheet HTML 5Page - Texas Instruments TLV9064IPWR Datasheet HTML 6Page - Texas Instruments TLV9064IPWR Datasheet HTML 7Page - Texas Instruments TLV9064IPWR Datasheet HTML 8Page - Texas Instruments TLV9064IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
1
+IN
6
V+
2
V±
5
SHDN
3
4
OUT
Not to scale
±IN
Figure 4-4. TLV9061S DBV Package, 6-Pin SOT-23
(Top View)
1
+IN
6
V+
2
V±
5
SHDN
3
4
OUT
Not to scale
±IN
Figure 4-5. TLV9061S DRY Package, 6-Pin USON
(Top View)
Table 4-2. Pin Functions: TLV9061S
PIN
TYPE(1)
DESCRIPTION
NAME
SOT-23
USON
IN–
4
3
I
Inverting input
IN+
3
1
I
Noninverting input
OUT
1
4
O
Output
SHDN
5
5
I
Shutdown: low = amp disabled, high = amp enabled. See Shutdown Function
section for more information.
V–
2
2
I or — Negative (low) supply or ground (for single-supply operation)
V+
6
6
I
Positive (high) supply
(1)
I = input, O = output
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
Figure 4-6. TLV9062 D, DGK, PW, or DDF Package,
8-Pin SOIC, VSSOP, TSSOP, or SOT-23 (Top View)
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
Thermal
Pad
A.
Connect thermal pad to V–
Figure 4-7. TLV9062 DSG Package, 8-Pin WSON
With Exposed Thermal Pad (Top View)
Table 4-3. Pin Functions: TLV9062
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN1–
2
I
Inverting input, channel 1
IN1+
3
I
Noninverting input, channel 1
IN2–
6
I
Inverting input, channel 2
IN2+
5
I
Noninverting input, channel 2
OUT1
1
O
Output, channel 1
OUT2
7
O
Output, channel 2
V–
4
—
Negative (lowest) supply or ground (for single-supply operation)
V+
8
—
Positive (highest) supply
(1)
I = input, O = output
www.ti.com
TLV9061, TLV9062, TLV9064
SBOS839L – MARCH 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com