Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP284FSZ Datasheet(PDF) 16 Page - Analog Devices

Part # OP284FSZ
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284FSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button OP284FSZ Datasheet HTML 12Page - Analog Devices OP284FSZ Datasheet HTML 13Page - Analog Devices OP284FSZ Datasheet HTML 14Page - Analog Devices OP284FSZ Datasheet HTML 15Page - Analog Devices OP284FSZ Datasheet HTML 16Page - Analog Devices OP284FSZ Datasheet HTML 17Page - Analog Devices OP284FSZ Datasheet HTML 18Page - Analog Devices OP284FSZ Datasheet HTML 19Page - Analog Devices OP284FSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
OP184/OP284/OP484
Rev. J | Page 16 of 24
As a design aid, Figure 49 shows the total equivalent input noise
of the OP284 and the total thermal noise of a resistor for com-
parison. Note that for source resistance less than 1 kΩ, the
equivalent input noise voltage of the OP284 is dominant.
TOTAL SOURCE RESISTANCE, RS (Ω)
100
1
10
10k
OP284 TOTAL
EQUIVALENT NOISE
RESISTOR THERMAL
NOISE ONLY
100
1k
100k
FREQUENCY = 1kHz
TA = 25°C
Figure 49. OP284 Equivalent Thermal Noise vs. Total Source Resistance
Because circuit SNR is the critical parameter in the final analysis,
the noise behavior of a circuit is often expressed in terms of its
noise figure, NF. The noise figure is defined as the ratio of a
circuit’s output signal-to-noise to its input signal-to-noise.
An expression of a circuit NF in dB, and in terms of the
operational amplifier voltage and current noise parameters
defined previously, is given by
( )
( )
(
)
( )
×
+
+
=
2
2
2
1
log
10
dB
nRS
S
nOA
nOA
e
R
i
e
NF
where:
NF (dB) is the noise figure of the circuit, expressed in decibels.
(enOA)2 is the OP284 noise voltage spectral power (1 Hz bandwidth).
(inOA)2 is the OP284 noise current spectral power (1 Hz bandwidth).
(enRS)2 is the source resistance thermal noise voltage power =
(4kTRS).
RS is the effective, or equivalent, source resistance presented to
the amplifier.
Calculation of the circuit noise figure is straightforward because
the signal level in the application is not required to determine it.
However, many designers using NF calculations as the basis for
achieving optimum SNR believe that a low noise figure is equal to
low total noise. In fact, the opposite is true, as shown in Figure 50.
The noise figure of the OP284 is expressed as a function of
the source resistance level. Note that the lowest noise figure for
the OP284 occurs at a source resistance level of 10 kΩ.
However, Figure 49 shows that this source resistance level and
the OP284 generate approximately 14 nV/√Hz of total
equivalent circuit noise. Signal levels in the application
invariably increase to maximize circuit SNR, which is not an
option in low voltage, single-supply applications.
TOTAL SOURCE RESISTANCE, RS (Ω)
10
100
5
10k
100k
1k
0
9
8
7
6
4
3
2
1
FREQUENCY = 1kHz
TA = 25°C
Figure 50. OP284 Noise Figure vs. Source Resistance
Therefore, to achieve optimum circuit SNR in single-supply
applications, it is recommended that an operational amplifier
with the lowest equivalent input noise voltage be chosen, along
with source resistance levels that are consistent with maintaining
low total circuit noise.
OVERDRIVE RECOVERY
The overdrive recovery time of an operational amplifier is the
time required for the output voltage to recover to its linear region
from a saturated condition. The recovery time is important in
applications where the amplifier must recover quickly after a
large transient event. The circuit shown in Figure 51 was used
to evaluate the OP284 overload recovery time. The OP284
takes approximately 2 µs to recover from positive saturation
and approximately 1 µs to recover from negative saturation.
2
3
1
+5V
8
4
R1
10k
Ω
R3
9k
Ω
R2
10k
Ω
VIN
10V STEP
–5V
VOUT
1/2
OP284
Figure 51. Output Overload Recovery Test Circuit
SINGLE-SUPPLY, 3 V INSTRUMENTATION
AMPLIFIER
The low noise, wide bandwidth, and rail-to-rail input/output
operation of the OP284 make it ideal for low supply voltage
applications such as in the two op amp instrumentation amplifier
shown in Figure 52. The circuit uses the classic two op amp
instrumentation amplifier topology with four resistors to set the
gain. The transfer equation of the circuit is identical to that of a
noninverting amplifier. Resistor R2 and Resistor R3 should be
closely matched to each other, as well as to Resistors (R1 + P1)
and Resistor R4 to ensure good common-mode rejection
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com