Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

460619 Datasheet(PDF) 1 Page - Alpha Wire

Part # 460619
Description  6 (19/.0372) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

460619 Datasheet(HTML) 1 Page - Alpha Wire

  460619 Datasheet HTML 1Page - Alpha Wire 460619 Datasheet HTML 2Page - Alpha Wire 460619 Datasheet HTML 3Page - Alpha Wire 460619 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 460619
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
6 (19/.0372) AWG Bare Copper
0.186
b) Insulation
0.0625" Wall, Nom. PVC
0.311+/- 0.006
(1) Print
ALPHA WIRE-* 6 AWG
E163872-* (UL) MTW OR THW 600V OR AWM 1283/1232
105C 600V VW-1 OR C(RU) AWM I A/B 105C 600V FT1
OR TEW 105C 600V FT1 CE ROHS
* = Factory Code
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET, GREEN/YELLOW
Applicable Specifications
1) UL
MTW
90°C Dry / 60°C Wet / 600 VRMS
 
VW-1
 
 
THW
75°C Dry / 75°C Wet / 600 VRMS
 
AWM/STYLE 1283
105°C / 600 VRMS
 
AWM/STYLE 1232
105°C Dry / 60°C Wet / 600 VRMS
2) CSA International
C(RU) AWM I A/B FT1
105°C / 600 VRMS
 
C(RU) TEW
105°C / 600 VRMS
Environmental


Similar Part No. - 460619

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4606 VBSEMI-4606 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
Festo Corporation.
4606 FESTO-4606 Datasheet
99Kb / 1P
Binary reduction valve
logo
Shenzhen Tuofeng Semico...
4606 TUOFENG-4606 Datasheet
3Mb / 8P
N and P-Channel Enhancement Mode Power MOSFET
v1.0
logo
List of Unclassifed Man...
4606 ETC-4606 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Shenzhen Tuofeng Semico...
4606 TUOFENG-4606 Datasheet
317Kb / 7P
Complementary High Density Trench MOSFET
More results

Similar Description - 460619

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C35194102 GENERAL-C35194102 Datasheet
78Kb / 3P
C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
18 AWG bare copper conductor, foam polyethylene insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1351779 ETC2-1351779 Datasheet
102Kb / 3P
RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
1694F ETC2-1694F Datasheet
90Kb / 4P
19 AWG stranded (7x27) bare copper conductor, gas-injected foam HDPE insulation
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com