Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7014 Datasheet(PDF) 1 Page - Alpha Wire

Part # 7014
Description  18 (19/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

7014 Datasheet(HTML) 1 Page - Alpha Wire

  7014 Datasheet HTML 1Page - Alpha Wire 7014 Datasheet HTML 2Page - Alpha Wire 7014 Datasheet HTML 3Page - Alpha Wire 7014 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 7014
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
18 (19/30) AWG Tinned Copper
0.048
b) Insulation
0.011" Wall, Nom. XLPE
0.070+/- 0.002
(1) Print
ALPHA WIRE-*
E163869 RU AWM 3265 125C 150V VW-1
LLXXXXX CSA AWM IA/B 125C 150V FT1 ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
(2) Color(s)
WHITE, BLACK
Applicable Specifications
1) UL
AWM/STYLE 3265
125°C / 150 VRMS
2) CSA International
AWM I A/B
125°C / 150 VRMS
 
FT1
 
3) Military
MIL-W-16878E TYPE B
105°C / 600 VRMS
Environmental


Similar Part No. - 7014

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7014 BOURNS-7014 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Mitutoyo America Corpor...
7014 MITUTOYO-7014 Datasheet
88Kb / 1P
STANDS & WORKHOLDINGS
logo
PCE Instruments.
7014-6 PCE-7014-6 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
7014-9 PCE-7014-9 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
logo
Bourns Electronic Solut...
7014-RC BOURNS-7014-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
More results

Similar Description - 7014

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
9918 ETC2-9918 Datasheet
100Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com