Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD117 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD117
Description  Complementary Darlington Power Transistors DPAK For Surface Mount Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD117 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD117 Datasheet HTML 1Page - ON Semiconductor MJD117 Datasheet HTML 2Page - ON Semiconductor MJD117 Datasheet HTML 3Page - ON Semiconductor MJD117 Datasheet HTML 4Page - ON Semiconductor MJD117 Datasheet HTML 5Page - ON Semiconductor MJD117 Datasheet HTML 6Page - ON Semiconductor MJD117 Datasheet HTML 7Page - ON Semiconductor MJD117 Datasheet HTML 8Page - ON Semiconductor MJD117 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MJD112 (NPN), MJD117 (PNP)
www.onsemi.com
4
0.04
0.2
4
0.1
0.06
0.6
1
4
IC, COLLECTOR CURRENT (AMP)
VCC = 30 V
IC/IB = 250
2
1
0.8
0.6
0.4
0.2
ts
tf
Figure 1. Switching Times Test Circuit
Figure 2. Switching Times
V2
APPROX
+8 V
0
≈ 8 k
SCOPE
VCC
-30 V
RC
51
FOR td AND tr, D1 IS DISCONNECTED
AND V2 = 0
FOR NPN TEST CIRCUIT REVERSE ALL POLARITIES.
25
ms
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
+ 4 V
tr
td @ VBE(off) = 0 V
PNP
NPN
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
V1
APPROX
-12 V
TUT
RB
D1
≈ 60
0.4
2
IB1 = IB2
TJ = 25°C
Figure 3. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1
0.01
1000
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 6.25°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.2
SINGLE PULSE
D = 0.5
0.05
0.1
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com