Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA3014HT Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TZA3014HT
Description  2.5 Gbits/s postamplifier with level detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3014HT Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TZA3014HT Datasheet HTML 14Page - NXP Semiconductors TZA3014HT Datasheet HTML 15Page - NXP Semiconductors TZA3014HT Datasheet HTML 16Page - NXP Semiconductors TZA3014HT Datasheet HTML 17Page - NXP Semiconductors TZA3014HT Datasheet HTML 18Page - NXP Semiconductors TZA3014HT Datasheet HTML 19Page - NXP Semiconductors TZA3014HT Datasheet HTML 20Page - NXP Semiconductors TZA3014HT Datasheet HTML 21Page - NXP Semiconductors TZA3014HT Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
2001 Jun 25
18
Philips Semiconductors
Product specification
2.5 Gbits/s postamplifier with level detector
TZA3014
APPLICATION INFORMATION
RF input and output connections
Striplines, or microstrips, with an odd mode characteristic
impedance of Zo =50 Ω have to be used for the differential
RF connections on the PCB. This applies to both signal
inputs and signal outputs. Each pair of lines should have
the same length.
Grounding and power supply decoupling
The PCB ground connection has to be a large area of
copper connected to a common ground plane with an
inductance as low as possible.
To minimize low frequency switching noise in the vicinity of
the TZA3014, the power supply line should be filtered once
using a beaded capacitor circuit having a low cut-off
frequency.
The exposed die pad GNDp connection on the PCB must
be a large area of copper to aid the transfer of heat from
the IC to the PCB (see Figs 11 and 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com