Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7843 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 2 Page - Analog Devices

  AD7843 Datasheet HTML 1Page - Analog Devices AD7843 Datasheet HTML 2Page - Analog Devices AD7843 Datasheet HTML 3Page - Analog Devices AD7843 Datasheet HTML 4Page - Analog Devices AD7843 Datasheet HTML 5Page - Analog Devices AD7843 Datasheet HTML 6Page - Analog Devices AD7843 Datasheet HTML 7Page - Analog Devices AD7843 Datasheet HTML 8Page - Analog Devices AD7843 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD7843–SPECIFICATIONS
(VCC = 2.7 V to 3.6 V, VREF = 2.5 V, fSCLK = 2 MHz unless otherwise noted; TA =
–40 C to +85 C, unless otherwise noted.)
Parameter
AD7843A
1
Unit
Test Conditions/Comments
DC ACCURACY
Resolution
12
Bits
No Missing Codes
11
Bits min
Integral Nonlinearity2
±2LSB max
Offset Error
2
±6LSB max
VCC = 2.7 V
Offset Error Match
3
1LSB max
0.1
LSB typ
Gain Error
2
±4LSB max
Gain Error Match
3
1LSB max
0.1
LSB typ
Power Supply Rejection
70
dB typ
SWITCH DRIVERS
On-Resistance
2
Y+, X+
5
Ω typ
Y–, X–
6
Ω typ
ANALOG INPUT
Input Voltage Ranges
0 to VREF
Volts
DC Leakage Current
±0.1
µA typ
Input Capacitance
37
pF typ
REFERENCE INPUT
VREF Input Voltage Range
1.0/+VCC
V min/max
DC Leakage Current
±1
µA max
VREF Input Impedance
5
G
Ω typ
CS = GND or +V
CC
VREF Input Current
3
20
µA max
8
µA typ
1
µA typ
fSAMPLE = 12.5 kHz
1
µA max
CS = +V
CC; 0.001
µA typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.4
V max
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V or +VCC
Input Capacitance, CIN
4
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VCC – 0.2
V min
ISOURCE = 250
µA; VCC = 2.2 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 250
µA
PENIRQ Output Low Voltage, V
OL
0.4
V max
ISINK = 250
µA; 100 kΩ Pull-Up
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance
4
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
12
DCLK Cycles max
Track/Hold Acquisition Time
3
DCLK Cycles min
Throughput Rate
125
kSPS max
POWER REQUIREMENTS
VCC (Specified Performance)
2.7/3.6
V min/max
Functional from 2.2 V to 5.25 V
ICC
5
Digital I/Ps = 0 V or VCC
Normal Mode (fSAMPLE = 125 kSPS)
380
µA max
VCC = 3.6 V, 240
µA typ
Normal Mode (fSAMPLE = 12.5 kSPS)
170
µA typ
VCC = 2.7 V, fDCLK = 2 00 kHz
Normal Mode (Static)
150
µA typ
VCC = 3.6 V
Shutdown Mode (Static)
1
µA max
Power Dissipation
5
Normal Mode (fSAMPLE = 125 kSPS)
1.368
mW max
VCC = 3.6 V
Shutdown
3.6
µW max
VCC = 3.6 V
NOTES
1Temperature range as follows: A Version: –40
°C to +85°C.
2See Terminology.
3Guaranteed by design.
4Sample tested @ 25
°C to ensure compliance.
5See Power vs. Throughput Rate section.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com