Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS244AL Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS244AL
Description  MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244AL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS244AL Datasheet HTML 6Page - STMicroelectronics LIS244AL Datasheet HTML 7Page - STMicroelectronics LIS244AL Datasheet HTML 8Page - STMicroelectronics LIS244AL Datasheet HTML 9Page - STMicroelectronics LIS244AL Datasheet HTML 10Page - STMicroelectronics LIS244AL Datasheet HTML 11Page - STMicroelectronics LIS244AL Datasheet HTML 12Page - STMicroelectronics LIS244AL Datasheet HTML 13Page - STMicroelectronics LIS244AL Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application hints
LIS244AL
10/15
4
Application hints
Figure 3.
LIS244AL Electrical connection
Power supply decoupling capacitors (100nF ceramic or polyester + 10
µF Aluminum) should
be placed as near as possible to the device (common design practice).
The LIS244AL allows to band limit Voutx, Vouty through the use of external capacitors. The
recommended frequency range spans from DC up to 2.0kHz. In particular, capacitors are
added at output Voutx, Vouty pins to implement low-pass filtering for antialiasing and noise
reduction. The equation for the cut-off frequency (ft) of the external filters is in this case:
Equation 1
Taking into account that the internal filtering resistor (Rout) has a nominal value equal to
32k
Ω, the equation for the external filter cut-off frequency may be simplified as follows:
Equation 2
Digital signals
LIS244AL
(top view)
(TOP VIEW)
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
X
ST
GND
1
4
9
12
Vdd
GND
GND
100nF
10
µF
Vout y
Optional
Cload y
Vout x
Cload x
Optional
5
16
2
3
67
8
10
11
15
14
13
Pin 1 indicator
f
t
1
2
π R
out
C
load xy
,
()
⋅⋅
----------------------------------------------------------------
=
f
t
5
µF
C
loadxy
,
-------------------------- Hz
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com