Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM45T Datasheet(PDF) 3 Page - ECM Electronics Limited.

Part # ECM45T
Description  SMD Chip Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECM45T Datasheet(HTML) 3 Page - ECM Electronics Limited.

  ECM45T Datasheet HTML 1Page - ECM Electronics Limited. ECM45T Datasheet HTML 2Page - ECM Electronics Limited. ECM45T Datasheet HTML 3Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ECM 1812 SMD Chip Inductor
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω
Ω)
IDC
IN
(mA)
ECM45T-121
120 @0.796MHz
K
40
6
8.0
110
ECM45T-151
150 @0.796MHz
K
40
5
9.5
105
ECM45T-181
180 @0.796MHz
K
40
5
9.5
102
ECM45T-221
220 @0.796MHz
K
40
4
10
100
ECM45T-271
270 @0.796MHz
K
30
4
12
92
ECM45T-331
330 @0.796MHz
K
30
3.5
14
85
ECM45T-391
390 @0.796MHz
K
30
3
16
80
ECM45T-471
470 @0.796MHz
K
30
3
26
62
ECM45T-561
560 @0.796MHz
K
30
3
30
50
ECM45T-681
680 @0.796MHz
K
30
3
40
50
ECM45T-821
820 @0.796MHz
K
30
2
45
30
ECM45T-102
1000 @0.796MHz
K
30
2
50
30
TOLERANCE: K=10%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com