Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH74 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # CDRH74
Description  Surface Mount Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

CDRH74 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  CDRH74 Datasheet HTML 1Page - ECM Electronics Limited. CDRH74 Datasheet HTML 2Page - ECM Electronics Limited. CDRH74 Datasheet HTML 3Page - ECM Electronics Limited. CDRH74 Datasheet HTML 4Page - ECM Electronics Limited. CDRH74 Datasheet HTML 5Page - ECM Electronics Limited. CDRH74 Datasheet HTML 6Page - ECM Electronics Limited. CDRH74 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 4
ECM UCR Series
Ferrite Shielded
Up to 8 Amps
Competitive Prices
Low Profile to 2.0mm
Typical Reel Size 1000pcs
CDRHxxxR / CDRHxDxx /
CDR / CDRH Series
The CDR / CDRH series of ferrite shielded inductors exhibit excellent current handling characteristics.
COMPONENT OUTLINE
Fig.1
Fig.2
Fig.3
Fig.4
DIMENSIONS
ECM Type
Inductance Range
Fig.
A
(mm)
B
C
D
E
F
CDRH103R
10uH ~ 150uH
4
10.30
10.40
3.00
7.30
3.00
1.70
CDRH104R
1.3uH ~ 330uH
4
10.30
10.40
4.00
7.30
3.00
1.70
CDRH105R
10uH ~ 1mH
4
10.30
10.40
5.00
7.30
3.00
1.70
CDRH4D18
1.0uH ~ 39uH
3
4.70
4.70
2.00
1.50
5.30
1.90
CDRH4D28
1.2uH ~ 180uH
3
4.70
4.70
3.00
1.50
5.30
1.90
CDRH5D18
4.1uH ~ 100uH
3
5.70
5.70
2.00
2.00
6.30
2.15
CDRH5D28
2.6uH ~ 100uH
3
5.70
5.70
3.00
2.00
6.30
2.15
CDRH6D28
3.0uH ~ 100uH
3
6.70
6.70
3.00
2.00
7.30
2.65
CDRH6D38
3.3uH ~ 100uH
3
6.70
6.70
4.00
2.00
7.30
2.65
CDRH73
10uH ~ 1.0mH
2
7.30
7.30
3.20
4.80
2.20
1.60
CDRH74
10uH ~ 1.0mH
2
7.30
7.30
4.50
4.80
2.20
1.60
CDRH125
2.1uH ~ 1.0mH
2
12.00
12.00
6.00
7.00
5.40
2.90
CDRH127
2.4uH ~ 1.0mH
2
12.00
12.00
8.00
7.00
5.40
2.90
CDR63B
10uH ~ 68uH
1
5.60
6.20
3.20
1.70
5.50
2.25
CDR74B
10uH ~ 270uH
1
7.00
7.80
4.50
2.00
7.50
4.00
CDR105B
10uH ~ 470uH
1
9.00
10.00
5.00
2.50
9.50
5.00


Similar Part No. - CDRH74

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH74 SUMIDA-CDRH74 Datasheet
547Kb / 6P
CDRH74
CDRH74 SUMIDA-CDRH74 Datasheet
154Kb / 2P
POWER INDUCTORS
logo
AIT Components Ltd.
CDRH74 AITCOMPONENTS-CDRH74 Datasheet
34Kb / 1P
CDRH74 SMD POWER INDUCTOR
CDRH74-100 AITCOMPONENTS-CDRH74-100 Datasheet
34Kb / 1P
CDRH74 SMD POWER INDUCTOR
CDRH74-101 AITCOMPONENTS-CDRH74-101 Datasheet
34Kb / 1P
CDRH74 SMD POWER INDUCTOR
More results

Similar Description - CDRH74

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com