Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECV20 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECV20
Description  VCXO Voltage Controlled Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECV20 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECV20 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCXO Voltage Controlled Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
§ 60kHz to 120.0MHz
§ Low Cost
§ Fast Delivery
§ Custom Options Available
ECV20 Series
Parameter
ECV20A
ECV20F
ECV20H
ECV20T
Frequency
Range
12.0MHz
to
120.0MHz
12.0MHz
to
75.00MHz
60.0kHz
to
50.00MHz
60.0kHz
to
50.0MHz
Supply Voltage
+5Vdc +/- 5%
Supply Current
(max)
50mA
40mA
20mA
30mA
Stability
+/-50ppm
Operating Temp
-10
0C to +700C
Storage Temp
-25
0C to +1000C
Symmetry
55/45
60/40
55/45
60/40
Control Voltage
0.5Vdc to 5.0Vdc
Pulling Range
+/- 200ppm (A)
+/- 250ppm (B)
+/- 300ppm (C)
Output
ACMOS
FTTL
HCMOS
LSTTL
Rise & Fall
Times (max)
5nS
6nS
10nS
10nS
Environmental & Mechanical
Shock
MIL-STD-202 30G 11ms
Vibration
MIL-STD-202 5G to
2000Hz
Soldering
Condition
Lead Temperature 260
0C
10s max
A
B
C
D
E
F
25.00
15.00
10.00
15.24
7.62
0.50
Part Numbering: ECV20 A
20.00 A
X
Type
Output
A = ACMOS F= FTTL
H= HCMOS T= LSTTL
Frequency
Pulling Range
A=200ppm B=250ppm C=300ppm
Supply Voltage
X = 5V
Dimensions in mm
Pin
1
7
8
14
Function
VC
0V
Output
VDD


Similar Part No. - ECV20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECV VISHAY-ECV Datasheet
87Kb / 5P
Aluminum Capacitors
13-Nov-08
ECV VISHAY-ECV Datasheet
90Kb / 5P
Aluminum Capacitors
18-Oct-12
logo
ECM Electronics Limited...
ECV15 ECM-ECV15 Datasheet
65Kb / 1P
VCXO Crystal Oscillator
ECV15H20.0X ECM-ECV15H20.0X Datasheet
65Kb / 1P
VCXO Crystal Oscillator
ECV30 ECM-ECV30 Datasheet
67Kb / 1P
VCXO Crystal Oscillator
More results

Similar Description - ECV20

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
BJ-SERIES TXC-BJ-SERIES Datasheet
961Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
CJ-SERIES TXC-CJ-SERIES Datasheet
942Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
DJ-SERIES TXC-DJ-SERIES Datasheet
930Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com