Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PK1012 Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # PK1012
Description  Radial Leaded Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

PK1012 Datasheet(HTML) 2 Page - ECM Electronics Limited.

  PK1012 Datasheet HTML 1Page - ECM Electronics Limited. PK1012 Datasheet HTML 2Page - ECM Electronics Limited. PK1012 Datasheet HTML 3Page - ECM Electronics Limited. PK1012 Datasheet HTML 4Page - ECM Electronics Limited. PK1012 Datasheet HTML 5Page - ECM Electronics Limited. PK1012 Datasheet HTML 6Page - ECM Electronics Limited. PK1012 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ECM Radial Leaded Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
ECM
Part
L
(
µH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
PK0406 Series
PK0406-1R0
1.0 @25.2 MHz
M
130
120
0.04
2000
PK0406-1R2
1.2 @7.96 MHz
M
100
120
0.05
1950
PK0406-1R5
1.5 @7.96 MHz
M
100
120
0.07
1900
PK0406-1R8
1.8 @7.96 MHz
M
100
120
0.11
1800
PK0406-2R2
2.2 @7.96 MHz
M
100
100
0.12
1750
PK0406-2R7
2.7 @7.96 MHz
M
100
80
0.12
1680
PK0406-3R3
3.3 @7.96 MHz
M
100
75
0.13
1500
PK0406-3R9
3.9 @7.96 MHz
M
100
70
0.13
1450
PK0406-4R7
4.7 @7.96 MHz
M
100
50
0.14
1320
PK0406-5R6
5.6 @7.96 MHz
M
100
45
0.14
1230
PK0406-6R8
6.8 @7.96 MHz
M
100
30
0.15
1150
PK0406-8R2
8.2 @7.96 MHz
M
100
22
0.16
1100
PK0406-100
10 @7.96 MHz
M
80
20
0.23
1000
PK0406-120
12 @2.52 MHz
K
80
17
0.24
970
PK0406-150
15 @2.52 MHz
K
80
16
0.25
920
PK0406-180
18 @2.52 MHz
K
80
12
0.33
860
PK0406-220
22 @2.52 MHz
K
80
10
0.45
800
PK0406-270
27 @2.52 MHz
K
80
9.5
0.50
710
PK0406-330
33 @2.52 MHz
K
80
8.7
0.70
660
PK0406-390
39 @2.52 MHz
K
70
8.2
0.74
600
PK0406-470
47 @2.52 MHz
K
70
7.8
0.76
550
PK0406-560
56 @2.52 MHz
K
50
7.6
0.80
500
PK0406-680
68 @2.52 MHz
K
50
6.8
0.90
470
PK0406-820
82 @2.52 MHz
K
50
6.0
0.95
430
PK0406-101
100 @0.796 MHz
K
45
6.0
1.00
400
PK0406-121
120 @0.796 MHz
K
45
4.2
1.10
370
PK0406-151
150 @0.796 MHz
K
65
3.6
1.30
350
PK0406-181
180 @0.796 MHz
K
65
2.8
1.50
320
PK0406-221
220 @0.796 MHz
K
65
2.4
1.80
300
PK0406-271
270 @0.796 MHz
K
50
2.2
1.90
275
PK0406-331
330 @0.796 MHz
K
50
2.0
2.20
250
PK0406-391
390 @0.796 MHz
K
50
1.7
2.70
220
PK0406-471
470 @0.796 MHz
K
50
1.5
3.60
200
PK0406-561
560 @0.796 MHz
K
50
1.3
4.20
190
PK0406-681
680 @0.796 MHz
K
50
1.1
4.60
170
PK0406-821
820 @0.796 MHz
K
50
1.0
5.70
155
PK0406-102
1000 @0.252 MHz
K
90
0.9
6.70
150
PK0406-122
1200 @0.252 MHz
K
90
0.8
8.20
140
PK0406-152
1500 @0.252 MHz
K
80
0.8
13.00
120
PK0406-182
1800 @0.252 MHz
K
80
0.8
15.00
110
PK0406-222
2200 @0.252 MHz
K
80
0.8
17.00
100
PK0406-272
2700 @0.252 MHz
K
80
0.8
19.00
90
TOLERANCES J=5%; K= 10%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com