Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF3 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # VF3
Description  Surface Mount Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

VF3 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  VF3 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
§ Wide Frequency Range
§ Miniature Ceramic Package
§ SMD Tri-state Oscillator
§ Industrial Temperature Range Available
ECM VF3 Series
Parameter
VF3
Frequency Range
1.8Mhz to 125.0MHz
Frequency
Stability
+/-20, +/-25,+/-50ppm to50MHz
100ppm over 70MHz
Specify
Supply Voltage
3.3V
Supply Current
10mA to 25.0MHz
15mA to 50.0MHz
18mA to 67.0MHz
28mA to 125.0Mhz
15pf Load
Load
10LS-TTL or 15pF
Duty Cycle
45/55 to 50.0MHz
40/60 over 50.0Mhz
Rise & Fall Times
10nS max
5ns Typ
Logic “1” Level
0.9Vcc min
Logic “0” Level
0.1Vcc max
Enable Input
Disable Input
Input High (>2.5V) or floating ACTIVE
Input LOW (<0.5V) INFINITE IMPEDENCE
Start-up Time
10mS max
3mS Typ
Enable Disable
Time
100nS
Operating Temp
-10
0C to +700C (-450 to +850C) Available
Environmental & Mechanical
Mechanical
Shock
Mil STD 202 Method 213
Cond E
Thermal
Shock
Mil STD 883 Method 1011
Cond A
Vibration
MIL-STD-883 Method 2007
Cond A
Soldering
Condition
260
0C for 10s max:
230
0C for 90s max
Hermetic
Seal
Leak rate less than 5x10
-8
Atm.cc/s of helium
Pin
1
2
3
4
Function
Tristate
GND
O/P
Vcc
A
B
C
D
E
F
G
H
7.50
5.00
2.00
1.39
5.07
1.39
3.98
1.39
Part Numbering: VF3
B
H
1
125.00M
Series
Stability
S= 20ppm A= 25ppm
B= 50ppm Blank = 100ppm
Symmetry
H= 45/55 Blank= 40/60
Temperature Range
Blank= 0
0C to +700C
1= -40
0C to +850C
Frequency
Dimensions in mm


Similar Part No. - VF3

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VF30 NJSEMI-VF30 Datasheet
91Kb / 1P
Diffused Silicon Junction
logo
Vishay Siliconix
VF30100C VISHAY-VF30100C Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
19-May-08
VF30100C VISHAY-VF30100C Datasheet
165Kb / 6P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
VF30100C-E3 VISHAY-VF30100C-E3 Datasheet
152Kb / 5P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
11-Sep-13
VF30100C-E3 VISHAY-VF30100C-E3 Datasheet
178Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
13-Dec-16
More results

Similar Description - VF3

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECXO5 ECM-ECXO5 Datasheet
71Kb / 1P
Surface Mount Oscillator
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
Surface Mount Oscillator
VFAC3 ECM-VFAC3 Datasheet
121Kb / 1P
Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-532 VISHAY-XOSM-532 Datasheet
136Kb / 3P
Surface Mount Oscillator
05-Mar-07
XOSM-573 VISHAY-XOSM-573_07 Datasheet
91Kb / 3P
Surface Mount Oscillator
05-Mar-07
XOSM-57 VISHAY-XOSM-57_11 Datasheet
74Kb / 3P
Surface Mount Oscillator
08-Mar-11
XOSM-533 VISHAY-XOSM-533_11 Datasheet
73Kb / 3P
Surface Mount Oscillator
08-Mar-11
XOSM-573 VISHAY-XOSM-573_11 Datasheet
80Kb / 3P
Surface Mount Oscillator
08-Mar-11
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-533 VISHAY-XOSM-533_V01 Datasheet
79Kb / 3P
Surface Mount Oscillator
16-Aug-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com