Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTACS Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ZTACS
Description  Electronics Ceramic Resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ZTACS Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ZTACS Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Electronics Ceramic Resonator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ZTACS Series
Series
Frequency
Range
Frequency
Tolerance
ESR
Temperature
Tolerance
Aging
ZTACS--.--MT
8.00 – 13.00MHz
+/- 0.3%
25
Ω
+/- 0.3%
+/- 0.5%
ZTACS--.--MX 13.01 – 50.00MHz
+/- 0.3%
40
Ω
+/- 0.3%
+/- 0.5%
ZTACV--.--MT
8.00 – 12.00MHz
+/- 0.3%
40
Ω
+/- 0.3%
+/- 0.5%
ZTACV--.--MX 16.01 – 50.00MHz
+/- 0.3%
40
Ω
+/- 0.3%
+/- 0.5%
Surface Mount
Fast Delivery
Tape & Reel or Bulk Packaging
Highly Competitive Prices for Volume Users
8.00000MHz to 50.00MHz
Series
A
B
C
D
ZTACS
4.70
4.10 1.60
1.00
ZTACV
3.70
3.01 1.20
0.90
Dimensions in mm


Similar Part No. - ZTACS

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTACS AURIS-ZTACS Datasheet
125Kb / 1P
Resonator SMD, 2 Pin
logo
List of Unclassifed Man...
ZTACS ETC2-ZTACS Datasheet
148Kb / 1P
CERAMIC RESONATOR
ZTACS ETC2-ZTACS Datasheet
21Kb / 1P
8.00MHz to 50.00MHz
logo
EUROQUARTZ limited
ZTACS EUROQUARTZ-ZTACS Datasheet
77Kb / 1P
CERAMIC RESONATORS
logo
Yuechung International ...
ZTACS YIC-ZTACS Datasheet
424Kb / 1P
ZTA - DIP Series of Ceramic Resonator
More results

Similar Description - ZTACS

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ZTA ECM-ZTA Datasheet
99Kb / 1P
Electronics Ceramic Resonator
ZTAC ECM-ZTAC Datasheet
95Kb / 1P
Electronics Ceramic Resonator
ZTB ECM-ZTB Datasheet
98Kb / 1P
Electronics Ceramic Resonator
ZTBF ECM-ZTBF Datasheet
96Kb / 1P
Electronics Ceramic Resonator
ZTT ECM-ZTT Datasheet
99Kb / 1P
Electronics Ceramic Resonator
ZTTC ECM-ZTTC Datasheet
96Kb / 1P
Electronics Ceramic Resonator
ZTTCS ECM-ZTTCS Datasheet
98Kb / 1P
Electronics Ceramic Resonator
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
logo
Shoulder Electronics Li...
ZTACV_MT SHOULDER-ZTACV_MT Datasheet
190Kb / 5P
CERAMIC RESONATOR
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
Ceramic Resonator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com