Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD648 Datasheet(PDF) 3 Page - Analog Devices

Part # AD648
Description  Dual Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD648 Datasheet(HTML) 3 Page - Analog Devices

  AD648 Datasheet HTML 1Page - Analog Devices AD648 Datasheet HTML 2Page - Analog Devices AD648 Datasheet HTML 3Page - Analog Devices AD648 Datasheet HTML 4Page - Analog Devices AD648 Datasheet HTML 5Page - Analog Devices AD648 Datasheet HTML 6Page - Analog Devices AD648 Datasheet HTML 7Page - Analog Devices AD648 Datasheet HTML 8Page - Analog Devices AD648 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD648J/A/S
AD648K/B/T
Model
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Voltage @ RL
≥ 10 kΩ,
TMIN to TMAX
±12/±12/±12
±13
±12
±13
V
Voltage @ RL
≥ 5 kΩ,
TMIN to TMAX
±11/±11/±11
±12
±11
±12
V
Short Circuit Current
15
15
mA
POWER SUPPLY
Rated Performance
±15
±15
V
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current (Both Amplifiers)
340
400
340
400
µA
TEMPERATURE RANGE
Operating, Rated Performance
Commercial (0
°C to 70°C)
AD648J
AD648K
Industrial (–40
°C to +85°C)
AD648A
AD648B
Military (–55
°C to +125°C)
AD648S
AD648T
PACKAGE OPTIONS
SOIC (R-8)
AD648JR
AD648KR
Plastic (N-8)
AD648JN
AD648KN
CERDIP (Q-8)
AD648AQ
5, AD648SQ5
AD648BQ
5, AD648TQ/883B5
Tape and Reel
AD648JR-REEL, AD648JR-REEL7 AD648KR-REEL, AD648KR-REEL7
NOTES
1Input Offset Voltage specifications are guaranteed after five minutes of operation at T
A = 25
°C.
2Bias Current specifications are guaranteed maximum at either input after five minutes of operation at T
A = 25
°C. For higher temperature, the current doubles
every 10
°C.
3Matching is defined as the difference between parameters of the two amplifiers.
4Defined as voltages between inputs, such that neither exceeds
± 10 V from ground.
5Not for new design. Obsolete April 2002.
Specifications subject to change without notice.
AD648
REV. E
–3–
SPECIFICATIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com