Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8002ARM-EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8002ARM-EBZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARM-EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8002ARM-EBZ Datasheet HTML 6Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 7Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 8Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 9Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 10Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 11Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 12Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 13Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD8002
Data Sheet
Rev. E | Page 10 of 21
5
–3
–1
–2
1
0
2
3
4
125
–35
–55
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE (°C)
–IN
+IN
Figure 24. Input Bias Current vs. Junction Temperature
ERROR,
(0.05%/DIV)
INPUT
2µs
400mV
G = +2
2V STEP
RC = 75Ω
RF = 750Ω
RL = 100Ω
OUTPUT
Figure 25. Long Term Settling Time
4
–3
0
–2
–1
3
1
2
JUNCTION TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
125
–35
–55
105
85
65
45
25
5
–15
Figure 26. Input Offset Voltage vs. Junction Temperature
11.5
9.0
10.5
9.5
10.0
125
–35
–55
105
85
65
45
25
5
–15
11.0
JUNCTION TEMPERATURE (°C)
VS = 5V
Figure 27. Total Supply Current vs. Junction Temperature
120
75
85
80
90
95
100
105
110
115
JUNCTION TEMPERATURE (°C)
|SINK ISC|
SOURCE ISC
70
125
–35
–55
105
85
65
45
25
5
–15
Figure 28. Short-Circuit Current vs. Junction Temperature
100
10
1
10
100
100k
10k
1k
FREQUENCY (Hz)
100
10
1
INVERTING CURRENT VS = ±5V
NONINVERTING CURRENT VS = ±5V
VOLTAGE NOISE VS = ±5V
Figure 29. Noise Voltage vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com