Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8655ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8655ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8655ARMZ Datasheet HTML 8Page - Analog Devices AD8655ARMZ Datasheet HTML 9Page - Analog Devices AD8655ARMZ Datasheet HTML 10Page - Analog Devices AD8655ARMZ Datasheet HTML 11Page - Analog Devices AD8655ARMZ Datasheet HTML 12Page - Analog Devices AD8655ARMZ Datasheet HTML 13Page - Analog Devices AD8655ARMZ Datasheet HTML 14Page - Analog Devices AD8655ARMZ Datasheet HTML 15Page - Analog Devices AD8655ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8655/AD8656
Data Sheet
Rev. E | Page 12 of 20
Figure 39. No Phase Reversal
Figure 40. Large Signal Response
Figure 41. Small Signal Response
Figure 42. Small Signal Overshoot vs. Load Capacitance
Figure 43. Negative Overload Recovery Time
Figure 44. Positive Overload Recovery Time
T
2
VS = ±1.35V
G = +1
CL = 50pF
VIN
VOUT
20
µs/DIV
T
2
VS = ±1.35V
CL = 50pF
GAIN = +1
TIME (10
µs/DIV)
2
T
VS = ±1.35V
CL = 100pF
GAIN = +1
TIME (1
µs/DIV)
35
30
25
20
15
10
5
0
0
50
100
150
200
250
300
350
CAPACITANCE (pF)
VS = ±1.35V
VIN = 200mV
–OS
+OS
400ns/DIV
T
1
2
VS = ±1.35V
VIN = 200mV
GAIN = –10
RECOVERY TIME = 180ns
200mV
0V
0V
–1.35V
VIN
VOUT
T
1
2
VS = ±1.35V
VIN = 200mV
GAIN = –10
RECOVERY TIME = 200ns
0V
–200mV
1.35V
0V
400ns/DIV
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com