Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP292GS Datasheet(PDF) 9 Page - Analog Devices

Part # OP292GS
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GS Datasheet(HTML) 9 Page - Analog Devices

Back Button OP292GS Datasheet HTML 5Page - Analog Devices OP292GS Datasheet HTML 6Page - Analog Devices OP292GS Datasheet HTML 7Page - Analog Devices OP292GS Datasheet HTML 8Page - Analog Devices OP292GS Datasheet HTML 9Page - Analog Devices OP292GS Datasheet HTML 10Page - Analog Devices OP292GS Datasheet HTML 11Page - Analog Devices OP292GS Datasheet HTML 12Page - Analog Devices OP292GS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
OP292/OP492
1.4
0.2
125
0.6
0.4
–25
–50
0.8
1.0
1.2
100
75
50
25
0
TEMPERATURE (°C)
VS = ±15V
VS = +5V
Figure 15. OP292 Supply Current per Amplifier vs. Temperature
6
0
125
2
1
–25
–50
3
4
5
100
75
50
25
0
TEMPERATURE (°C)
VS = ±15V
VO = ±10V
VS = 5V
VO = 0.1V, 4V
+SR
–SR
+SR
–SR
Figure 16. OP292 Slew Rate vs. Temperature
90
40
–10
10M
10k
1M
100k
1k
50
60
70
80
0
10
20
30
FREQUENCY (Hz)
TA = 25°C
V+ = 5V
V– = 0V
RL = 10kΩ
PHASE
MARGIN
= 83°
GAIN
PHASE
135
90
45
0
–45
Figure 17. OP292/OP492 Open-Loop Gain and Phase vs. Frequency @ 5 V
1.4
0.2
125
0.6
0.4
–25
–50
0.8
1.0
1.2
100
75
50
25
0
TEMPERATURE (°C)
VS = ±15V
VS = +5V
Figure 18. OP492 Supply Current per Amplifier vs. Temperature
6
0
125
2
1
–25
–50
3
4
5
100
75
50
25
0
TEMPERATURE (°C)
VS = ±15V
VO = ±10V
VS = 5V
VO = 0.1V, 4V
+SR
–SR
+SR
–SR
Figure 19. OP492 Slew Rate vs. Temperature
10M
10k
1M
100k
1k
FREQUENCY (Hz)
TA = 25°C
RL = 10kΩ
VS = 10kΩ
PHASE
MARGIN
= 92°
GAIN
PHASE
+135
+90
+45
0
–45
90
40
–10
50
60
70
80
0
10
20
30
Figure 20. OP292/OP492 Open-Loop Gain and Phase vs. Frequency @ ±15 V
Rev. D | Page 9 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com