Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1360 Datasheet(PDF) 16 Page - Analog Devices

Part # LT1360
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1360 Datasheet HTML 12Page - Analog Devices LT1360 Datasheet HTML 13Page - Analog Devices LT1360 Datasheet HTML 14Page - Analog Devices LT1360 Datasheet HTML 15Page - Analog Devices LT1360 Datasheet HTML 16Page - Analog Devices LT1360 Datasheet HTML 17Page - Analog Devices LT1360 Datasheet HTML 18Page - Analog Devices LT1360 Datasheet HTML 19Page - Analog Devices LT1360 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT1210
16
Rev C
For more information www.analog.com
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LT1210#packaging for the most recent package drawings.
R Package
7-Lead Plastic DD Pak
(Reference LTC DWG # 05-08-1462 Rev G)
R (DD7) 0416 REV G
0.013 – 0.023
(0.330 – 0.584)
0.095 – 0.115
(2.413 – 2.921)
0.004 +0.008
–0.004
(
)
0.102 +0.203
–0.102
0.050 ±0.012
(1.270 ±0.305)
0.06 ±0.01
(1.524 ±0.254)
TYP
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.026 – 0.035
(0.660 – 0.889)
TYP
0.143 +0.012
–0.020
(
)
3.632 +0.305
–0.508
0.050
(1.270)
BSC
0.330 – 0.370
(8.382 – 9.398)
0.06 ±0.01
(1.524 ±0.254)
TYP
0.390 – 0.415
(9.906 – 10.541)
15° ±5°
0.55 ±0.05
(13.970 ±1.270)
0.420
0.350
0.585
0.090
0.035
0.050
0.325
0.205
0.080
0.585
RECOMMENDED SOLDER PAD LAYOUT
FOR THICKER SOLDER PASTE APPLICATIONS
RECOMMENDED SOLDER PAD LAYOUT
0.090
0.035
0.050
0.420
0.276
0.320
NOTE:
1. DIMENSIONS IN INCH/(MILLIMETER)
2. DRAWING NOT TO SCALE
0.30 ±0.02
(7.620 ±0.508)
0.085 ±0.01
(2.159 ±0.254)
0.18 ±0.01
(4.572 ± 0.254)
0.06 ±0.01
(1.524 ±0.254)
0.30 ±0.02
(7.620 ±0.508)
0.06 ±0.01
(1.524 ±0.254)
0.25 ±0.02
(6.350 ±0.508)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
R Package
7-Lead Plastic DD Pak
(Reference LTC DWG # 05-08-1462 Rev G)
DETAIL A
DETAIL A
0° – 7° TYP
0° – 7° TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com