Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP2177ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP2177ARMZ
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP2177ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP2177ARMZ Datasheet HTML 5Page - Analog Devices OP2177ARMZ Datasheet HTML 6Page - Analog Devices OP2177ARMZ Datasheet HTML 7Page - Analog Devices OP2177ARMZ Datasheet HTML 8Page - Analog Devices OP2177ARMZ Datasheet HTML 9Page - Analog Devices OP2177ARMZ Datasheet HTML 10Page - Analog Devices OP2177ARMZ Datasheet HTML 11Page - Analog Devices OP2177ARMZ Datasheet HTML 12Page - Analog Devices OP2177ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
OP1177/OP2177/OP4177
Rev. I | Page 9 of 24
14.40
14.00
14.30
14.05
14.25
14.20
14.15
14.10
14.35
+VOH
–VOL
TEMPERATURE (°C)
0
50
100
–50
150
VSY = ±15V
Figure 25. Output Voltage Swing vs. Temperature
TIME FROM POWER SUPPLY TURN-ON (Sec)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0.5
–0.5
–0.4
20
40
60
80
100
120
0
140
VSY = ±15V
Figure 26. Warm-Up Drift
0
12
8
4
14
18
2
6
10
16
TEMPERATURE (°C)
VSY = ±15V
0
50
100
–50
150
Figure 27. Input Offset Voltage vs. Temperature
123
127
125
128
129
124
126
130
131
132
133
TEMPERATURE (°C)
VSY = ±15V
0
50
100
–50
150
Figure 28. CMRR vs. Temperature
123
127
125
128
129
124
126
130
131
132
133
TEMPERATURE (°C)
VSY = ±15V
050
100
–50
150
Figure 29. PSRR vs. Temperature
INPUT OFFSET VOLTAGE (µV)
50
15
0
45
20
10
5
30
25
40
35
VSY = ±5V
–40
–30
–20
–10
0
10
20
30
40
Figure 30. Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com