Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR271 Datasheet(PDF) 12 Page - Seoul Semiconductor

Part # LR271
Description  RED LAMP LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR271 Datasheet(HTML) 12 Page - Seoul Semiconductor

Back Button LR271 Datasheet HTML 6Page - Seoul Semiconductor LR271 Datasheet HTML 7Page - Seoul Semiconductor LR271 Datasheet HTML 8Page - Seoul Semiconductor LR271 Datasheet HTML 9Page - Seoul Semiconductor LR271 Datasheet HTML 10Page - Seoul Semiconductor LR271 Datasheet HTML 11Page - Seoul Semiconductor LR271 Datasheet HTML 12Page - Seoul Semiconductor LR271 Datasheet HTML 13Page - Seoul Semiconductor LR271 Datasheet HTML 14Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
-12-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<050201> Rev. 0.0
LR530A
9. SOLDERING PROFILE
1) Wave Soldering Conditions / Profile
• Preliminary heating to be at 85ºC(120 ºC max) for 20 seconds(60 seconds max).
• Soldering heat to be at 235 ºC (260ºC max) for 5 seconds (10 seconds max.)
• Soak time above 200 ºC is 5 seconds
2) Hand Soldering conditions
• Not more than 5 seconds at max. 300ºC, under Soldering iron.
0
2
4
6
8
10
12
1 4
1 6
18
20
22
2 4
2 6
28
30
3 2
3 4
36
0
50
10 0
15 0
20 0
25 0
Tim e [s ]
PREHEAT
20s (60s Max)
85 ºC(120 ºC Max)
PEAK
5s (10s Max)
235 ºC(260 ºC Max)
Note : In case the soldered products are reused in soldering process, we don’t guarantee the products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com