Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC771 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # LC771
Description  CYAN LAMP LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LC771 Datasheet(HTML) 4 Page - Seoul Semiconductor

  LC771 Datasheet HTML 1Page - Seoul Semiconductor LC771 Datasheet HTML 2Page - Seoul Semiconductor LC771 Datasheet HTML 3Page - Seoul Semiconductor LC771 Datasheet HTML 4Page - Seoul Semiconductor LC771 Datasheet HTML 5Page - Seoul Semiconductor LC771 Datasheet HTML 6Page - Seoul Semiconductor LC771 Datasheet HTML 7Page - Seoul Semiconductor LC771 Datasheet HTML 8Page - Seoul Semiconductor LC771 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
-4-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<050201> Rev. 0.0
LC531
Preliminary
4. ELECTRO-OPTICAL CHARACTERISTICS (at I
F = 20mA, Ta = 25ºC)
nm
515
505
499
λ
d
Dominant Wavelength
10
-
-
3500
2000
V
4.1
3.5
-
VF
Forward Voltage
µA
-
IR
Reverse Current (at VR = 5V)
Max.
Typ.
Min.
deg.
28
2
θ ½
View Angle
mcd
IV
Luminous Intensity 1
Unit
Value
Symbol
Item
Note : 1. Luminous Intensity Tolerance ± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com