Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKB0804-103 Datasheet(PDF) 7 Page - ECM Electronics Limited.

Part # PKB0804-103
Description  Radial Leaded Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

PKB0804-103 Datasheet(HTML) 7 Page - ECM Electronics Limited.

  PKB0804-103 Datasheet HTML 1Page - ECM Electronics Limited. PKB0804-103 Datasheet HTML 2Page - ECM Electronics Limited. PKB0804-103 Datasheet HTML 3Page - ECM Electronics Limited. PKB0804-103 Datasheet HTML 4Page - ECM Electronics Limited. PKB0804-103 Datasheet HTML 5Page - ECM Electronics Limited. PKB0804-103 Datasheet HTML 6Page - ECM Electronics Limited. PKB0804-103 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ECM Radial Leaded Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
PKB0809-333
33000 @0.079 MHz
J
100
0.2
65.00
42
PKB0809-363
36000 @0.079 MHz
J
100
0.2
70.00
40
TOLERANCES J=5%; K= 10%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com