Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C164 Datasheet(PDF) 1 Page - Alpha Wire

Part # C164
Description  RoHS-Compliant Commencing With 5/1/2004 Production
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

C164 Datasheet(HTML) 1 Page - Alpha Wire

  C164 Datasheet HTML 1Page - Alpha Wire C164 Datasheet HTML 2Page - Alpha Wire C164 Datasheet HTML 3Page - Alpha Wire C164 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. C164
Construction
1) Construction
a) Material
Polyester Tape, high tenacity, continuous filament
b) Type
II
c) Size
4
d) Finish
B – Microcrystalline fungicide wax, mercury and copper free
e) Dimensions
0.062 +/- 0.006" x 0.012 +/- 0.003"
f) Color
Black, White
Applicable Specifications
1) Other
A-A-52081-B-4
FED-STD-191
Environmental


Similar Part No. - C164

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
C164 TIME-ELECTRONICS-C164 Datasheet
302Kb / 1P
1068 Fixed Resistance Box
04/22
logo
Ledil, Inc.
C16400_STRADA-IP-2X6-PX LEDIL-C16400_STRADA-IP-2X6-PX Datasheet
941Kb / 14P
Strada Lens array
C16402 LEDIL-C16402 Datasheet
3Mb / 3P
Basepart for reflectors and lenses with A-type interface
logo
Tyco Electronics
C16404-000 MACOM-C16404-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
logo
Ledil, Inc.
C16414 LEDIL-C16414 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles.
More results

Similar Description - C164

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
Ohmite Mfg. Co.
MX1J10RE-R58 OHMITE-MX1J10RE-R58 Datasheet
122Kb / 1P
Metal Oxide Resistors 5% Tolerance RoHS Compliant
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com