Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA1702 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA1702
Description  Line interrupter driver and ringer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1702 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA1702 Datasheet HTML 9Page - NXP Semiconductors UBA1702 Datasheet HTML 10Page - NXP Semiconductors UBA1702 Datasheet HTML 11Page - NXP Semiconductors UBA1702 Datasheet HTML 12Page - NXP Semiconductors UBA1702 Datasheet HTML 13Page - NXP Semiconductors UBA1702 Datasheet HTML 14Page - NXP Semiconductors UBA1702 Datasheet HTML 15Page - NXP Semiconductors UBA1702 Datasheet HTML 16Page - NXP Semiconductors UBA1702 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1997 Sep 29
13
Philips Semiconductors
Product specification
Line interrupter driver and ringer
UBA1702; UBA1702A
Ringer part
PROTECTION (PIN RPI)
ISS
current consumption
RV2 = 0; RV1 = 0;
RV0 = 0
−−850 −µA
IRPI(max)
maximum input current
70
−−
mA
VRPI
voltage limit referenced to VEE
−
21
−
V
VRPId
voltage limit in DMO or NSA mode
referenced to VEE
IRPI =30mA;
MSI = HIGH
−
2.1
−
V
Z
RPI
AC input impedance referenced to VEE
f = 0.3 to 3.4 kHz;
VRPI < 1.5 V (RMS)
100
220
−
k
Ω
RINGER THRESHOLD AND FREQUENCY DETECTION (PINS VRR,RTA AND RFO)
VRRth
ringer supply threshold voltage
referenced to VSS
RTA open-circuit;
−
11
−
V
VRRhys
ringer threshold hysteresis voltage
−
6.5
−
V
VRPIhys
ringer frequency detection hysteresis
voltage referenced to VEE
RFO = HIGH
−
VRR
−
V
RFO = LOW
−
VDD
−
V
IOH
HIGH-level output current (pin RFO)
VRFO =VDD − 0.5 V
−−
−100
µA
IOL
LOW-level output current (pin RFO)
VRFO =VSS + 0.5 V
100
−−
µA
VOLUME CONTROL (PINS RV0, RV1 AND RV2)
∆G
gain adjustment range
(RV2, RV1, RV0) from
(0, 0, 0) to (1 ,1, 0);
note 2
−
36
−
dB
∆Gs
step resolution
(RV2, RV1, RV0) from
(0, 0, 0) to (1, 1, 0);
note 2
−
6
−
dB
∆G
ls
last step resolution
(RV2, RV1, RV0) from
(1, 1, 0) to (1, 1, 1);
note 3
−
9.5
12
dB
VIH
HIGH-level input voltage (pins RVx)
0.7VDD
−
VDD
V
VIL
LOW-level input voltage (pins RVx)
VSS
−
0.3VDD
V
IIH
HIGH-level input current (pins RVx)
VRVx = HIGH
0
−
5
µA
IIL
LOW-level input current (pins RVx)
VRVx = LOW
0
−
5
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com