Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1304443 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1304443
Description  SB-Z0034 - Sealing ring
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1304443 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1304443 Datasheet HTML 1Page - PHOENIX CONTACT 1304443 Datasheet HTML 2Page - PHOENIX CONTACT 1304443 Datasheet HTML 3Page - PHOENIX CONTACT 1304443 Datasheet HTML 4Page - PHOENIX CONTACT 1304443 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sealing ring for M40 hybrid cable connectors
Commercial data
Item number
1304443
Packing unit
100 pc
Minimum order quantity
300 pc
Note
Made to order (non-returnable)
Product key
ABRCET
GTIN
4063151551582
Weight per piece (including packing)
8.052 g
Weight per piece (excluding packing)
8.052 g
Country of origin
DE
SB-Z0034 - Sealing ring
1304443
https://www.phoenixcontact.com/us/products/1304443
Sep 10, 2024, 4:30 AM
Page 1 (5)


Similar Part No. - 1304443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1304440 PHOENIX-1304440 Datasheet
182Kb / 5P
SB-Z0031 - Contact insert
1304441 PHOENIX-1304441 Datasheet
196Kb / 5P
SB-Z0032 - Contact insert
More results

Similar Description - 1304443

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130099-0147 MOLEX11-130099-0147 Datasheet
38Kb / 1P
MAX-LOC Gasket Sealing Ring 1/4 NPT
130099-0148 MOLEX11-130099-0148 Datasheet
39Kb / 1P
MAX-LOC Gasket Sealing Ring 3/8 NPT
130099-0150 MOLEX11-130099-0150 Datasheet
39Kb / 1P
MAX-LOC Gasket Sealing Ring 3/4 NPT
130099-0151 MOLEX11-130099-0151 Datasheet
39Kb / 1P
MAX-LOC Gasket Sealing Ring 1 NPT
logo
Glenair, Inc.
280-014 GLENAIR-280-014_15 Datasheet
364Kb / 2P
O-Ring Panel Sealing
logo
Molex Electronics Ltd.
1300990147 MOLEX11-1300990147 Datasheet
31Kb / 1P
MAX-LOC Gasket Sealing Ring 1/4 NPT
1300990151 MOLEX11-1300990151 Datasheet
32Kb / 1P
MAX-LOC Gasket Sealing Ring 1 NPT
logo
Laird Tech Smart Techno...
GPSU15M LSTD-GPSU15M Datasheet
606Kb / 1P
Fully waterproof o-ring sealing
logo
PHOENIX CONTACT
1607464 PHOENIX-1607464 Datasheet
38Kb / 1P
SF-Z0034
logo
HARTING Technology Grou...
09-40-000-9970 HARTING-09-40-000-9970 Datasheet
472Kb / 1P
Han 48HPR O-Ring sealing for housing
2021-10-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com