Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PYX28C64 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # PYX28C64
Description  8K x 8 EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYX28C64 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  PYX28C64 Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYX28C64 Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYX28C64 Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYX28C64 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYX28C64 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYX28C64 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYX28C64 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYX28C64 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYX28C64 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PYX28C64
Page 3 of 11
Document # EEPROM101 REV B
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min
Max
Min
Max
Min
Max
Min
Max
tAVAV
Read Cycle Time
200
250
300
350
ns
tAVQV
Address Access Time
200
250
300
350
ns
tELQV
Chip Enable Access Time
200
250
300
350
ns
tOLQV
Output Enable Access Time
100
100
100
100
ns
tELQX
Chip Enable to Output in Low Z
10101010
ns
tEHQZ
Chip Disable to Output in High Z
80808080
ns
tOLQX
Output Enable to Output in Low Z
10
10
10
10
ns
tOHQZ
Output Disable to Output in High Z
80
80
80
80
ns
tAVQX
Output Hold from Address Change
0000
ns
tPU
Chip Enable to Power Up Time
250
250
250
250
ns
tPD
Chip Disable to Power Down Time
50
50
50
50
ns
-300
-350
Unit
Symbol
Parameter
-200
-250
TIMING WAVEFORM OF READ CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com