Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACE1757M Datasheet(PDF) 29 Page - Pyramid Semiconductor Corporation

Part # PACE1757M
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757M Datasheet(HTML) 29 Page - Pyramid Semiconductor Corporation

Back Button PACE1757M Datasheet HTML 25Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 26Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 27Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 28Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 29Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 30Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 31Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 32Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 33Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PACE 1757 M/ME
Page 29 of 34
Document # MICRO-10 REV B
COMBO REGISTER MAP DEFINITIONS
CONTROL REGISTER (1F50/9F50)
(Default = 00C6H)
QR1
Enable error detection/correction or parity
checking/generation for memory addresses
00000H-3FFFFH.
QR2
Enable error detection/correction or parity
checking/generation for memory addresses
40000H-7FFFFH
QR3
Enable error detection/correction or parity
checking/generation for memory addresses
80000H-BFFFFH.
QR4
Enable error detection/correction or parity
checking/generation for memory addresses
C0000H-FFFFFH.
ODD
Enable odd parity, 1 = ODD, 0 = EVEN
EEI
Enable error detection/correction (EDAC) on
instruction fetch only.
EED
Enable error detection/correction (EDAC) on
operand (data) fetch only.
EPR
Enable parity detection function. (If both
EPR and either EEI or EED are enabled, EEI
or EED will take preference.)
SPD
Enable 1 wait state on MMU cache miss
cycle (1 = 1 WAIT, 0 = NO WAIT).
WPT
Enable protected write strobe (WR PROT
PIN).
1: WR PROT = write protected strobe
0: WR PROT = write protect level
(1 = write protect memory)
EB1
Enable block 1 of unimplemented memory
(as defined in unimplemented memory
register 1).
EB2
Enable block 2 of unimplementd memory (as
defined in unimplemented memory register
2).
EIO
Enable illegal PIO detection (as defined in
last implemented input and output registers,
and MIL-STD-1750A reserved I/O space).
GPT
Enable global memory protect (Set by
RESET, and reset by I/O command 4003).
DMX
Demultiplexed Address/data Bus in DMA
cycles.
DLP
Logical/Physical DMA (1 = LOGICAL, 0 =
Physical).
CONTROL REGISTER 1 (1F51)
(Default = C3FFH)
WA0/
Number of WAIT STATES on RDYA
WA1
SPI
Enable illegal PIO detection for MIL-
STD1750A spare I/O spaces.
PEG
Determines what is generated when both
EDAC and parity checks are disabled.
IDL
Enables/disables the genertion of an idle
cycle betwee BUS REQ and BUS GNT,
during read cycles, allowing for one
additional clock cycle to release the IB.
UNIMPLEMENTED MEMORY REGISTER 1 (1F55)
BL1 LO Low boundary of unimplemented block 1 of
memory.
BL1 HI High boundary of unimplemente block 1 of
memory.
UNIMPLEMENTED MEMORY REGISTER 2 (1F56)
BL2 LO Low boundary of unimplemented block 2 of
memory.
BL2 HI High boundary of unimplemented block 2 of
memory.
FIRST UNIMPLMENTED OUTPUT COMMAND
REGISTER (1F57)
BITS 0:5
Not used.
BITS 6:15
First unused sequential PIO output
command.
FIRST UNIMPLMENTED INPUT COMMAND
REGISTER (1F58)
BITS 0:5
Not used.
BITS 0:6
First unused sequential PIO input
command.
FIRST FAILING ADDRESS REGISTER (1F59)
PADR (4:19) 16 LSB of the physical address of the
first failure.
FIRST FAILING DATA REGISTER (1F5B)
BITS 0:15
"1" indicates the position of the wrong/
corrected bit in the data word.
MEMORY FAULT STATUS REGISTER (A00D)
LPA
Page address within the group.
ID
Instruction/data
AS
Group address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com