Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1750A-40CMB Datasheet(PDF) 11 Page - Pyramid Semiconductor Corporation

Part # P1750A-40CMB
Description  SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1750A-40CMB Datasheet(HTML) 11 Page - Pyramid Semiconductor Corporation

Back Button P1750A-40CMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P1750A-40CMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P1750A-40CMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P1750A-40CMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P1750A-40CMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation P1750A-40CMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation P1750A-40CMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation P1750A-40CMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation P1750A-40CMB Datasheet HTML 15Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Page 11 of 24
PACE1750A
Document # MICRO-3 Rev. C
Parameter
V0
VMEA
tPLZ
≥ 3V
0.5V
tPHZ
0V
VCC – 0.5V
tPXL
VCC/2
1.5V
tPXH
VCC/2
1.5V
BUS ACQUISITION
Note:
A CPU contending for the BUS will assert the
BUS REQ line, and will acquire it when BUS GNT is assserted and the BUS is not locked
(
BUS LOCK is high).
SWITCHING TIME TEST CIRCUITS
Standard Output (Non-Three-State)
Three-State
Note:
All time measurements on active signals relate to the 1.5 volt level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com