Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1321 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 2 Page - NXP Semiconductors

  UDA1321 Datasheet HTML 1Page - NXP Semiconductors UDA1321 Datasheet HTML 2Page - NXP Semiconductors UDA1321 Datasheet HTML 3Page - NXP Semiconductors UDA1321 Datasheet HTML 4Page - NXP Semiconductors UDA1321 Datasheet HTML 5Page - NXP Semiconductors UDA1321 Datasheet HTML 6Page - NXP Semiconductors UDA1321 Datasheet HTML 7Page - NXP Semiconductors UDA1321 Datasheet HTML 8Page - NXP Semiconductors UDA1321 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1998 Oct 06
2
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
FEATURES
General
• Universal Serial Bus (USB) stereo Digital-to-Analog
Converter (DAC) system with adaptive (5 to 55 kHz)
20-bits digital-to-analog conversion and filtering
• USB-compliant audio and Human Interface Device
(HID)
• Supports 12 Mbits/s full-speed serial data transmission
• Supports multiple audio data formats (8, 16 and 24 bits)
• Supports headphone and line output
• Fully automatic ‘Plug-and-Play’ operation
• High linearity
• Wide dynamic range
• Superior signal-to-noise ratio (typical 95 dB)
• Low total harmonic distortion (typical 90 dB)
• 3.3 V power supply
• Efficient power management
• Low power consumption
• On-chip master clock oscillator, only an external crystal
is required
• Partly programmable USB descriptors and configuration
via I2C-bus.
Sound processing
• Separate digital volume control for left and right channel
• Soft mute
• Digital bass and treble tone control
• External Digital Sound Processor (DSP) option possible
via standard I2S-bus or Japanese digital I/O format
• Selectable clipping prevention
• Selectable Dynamic Bass Boost (DBB)
• On-chip digital de-emphasis.
Document references
• “USB Specification”
• “USB Common Class Specification”
• “USB Device Class Definition for Audio Devices”
• “Device Class Definition for Human Interface Devices
(HID)”
• “USB HID Usage Table”.
APPLICATIONS
• USB monitors
• USB speakers
• USB headsets
• USB telephone/answering machines
• USB links in consumer audio devices.
GENERAL DESCRIPTION
The UDA1321 is a stereo CMOS digital-to-analog
bitstream converter designed for USB-compliant audio
playback devices and multimedia audio
applications.The UDA1321 is an adaptive asynchronous
sink USB audio device with a continuous sampling
frequency (fs) range from 5 to 55 kHz. It contains a USB
interface, an embedded microcontroller and an
Asynchronous Digital-to-Analog Converter (ADAC).
The USB interface is the interface between the USB, the
ADAC and the microcontroller. The USB interface consists
of an analog front-end and a USB processor. The analog
front-end transforms the differential USB data to a digital
data stream. The USB processor buffers the input and
output data from the analog front-end and handles all
low-level USB protocols. The USB processor selects the
relevant data from the universal serial bus, performs an
extensive error detection and separates control
information (input and output) and audio information (input
only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com