Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1334ATS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UDA1334ATS
Description  Low power audio DAC with PLL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1334ATS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UDA1334ATS Datasheet HTML 9Page - NXP Semiconductors UDA1334ATS Datasheet HTML 10Page - NXP Semiconductors UDA1334ATS Datasheet HTML 11Page - NXP Semiconductors UDA1334ATS Datasheet HTML 12Page - NXP Semiconductors UDA1334ATS Datasheet HTML 13Page - NXP Semiconductors UDA1334ATS Datasheet HTML 14Page - NXP Semiconductors UDA1334ATS Datasheet HTML 15Page - NXP Semiconductors UDA1334ATS Datasheet HTML 16Page - NXP Semiconductors UDA1334ATS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2000 Jul 31
13
Philips Semiconductors
Product specification
Low power audio DAC with PLL
UDA1334ATS
Note
1. The output voltage of the DAC scales proportionally to the analog power supply voltage.
14.2
Timing
VDDD =VDDA = 2.4 to 3.6 V; Tamb = −20 to +85 °C; RL =5kΩ; all voltages with respect to ground (pins VSSA and VSSD);
unless otherwise specified; note 1.
Note
1. The typical value of the timing is specified for a sampling frequency of 44.1 kHz.
S/N
signal-to-noise ratio
fs = 44.1 kHz; code = 0; A-weighted
100
dB
fs = 96 kHz; code = 0; A-weighted
98
dB
α
CS
channel separation
100
dB
PSRR
power supply rejection ratio
fripple = 1 kHz; Vripple = 30 mV (p-p)
60
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output clock timing in video mode (see Fig.6)
Tsys
output clock cycle
fo = 12.228 MHz
−
81.38
−
ns
fo = 18.432 MHz
−
54.25
−
ns
tCWL
output clock LOW time
fo = 12.228 MHz
0.3Tsys
−
0.7Tsys
ns
fo = 18.432 MHz
0.4Tsys
−
0.6Tsys
ns
tCWH
output clock HIGH time
fo = 12.228 MHz
0.3Tsys
−
0.7Tsys
ns
fo = 18.432 MHz
0.4Tsys
−
0.6Tsys
ns
Serial input data timing (see Fig.7)
fBCK
bit clock frequency
−−
64fs
Hz
tBCKH
bit clock HIGH time
50
−−
ns
tBCKL
bit clock LOW time
50
−−
ns
tr
rise time
−−
20
ns
tf
fall time
−−
20
ns
tsu(DATAI)
set-up time data input
20
−−
ns
th(DATAI)
hold time data input
0
−−
ns
tsu(WS)
set-up time word select
20
−−
ns
th(WS)
hold time word select
10
−−
ns
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com