Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4297A Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear짰 SoundFusion??Audio Codec ??7
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4297A_06 Datasheet HTML 9Page - Cirrus Logic CS4297A_06 Datasheet HTML 10Page - Cirrus Logic CS4297A_06 Datasheet HTML 11Page - Cirrus Logic CS4297A_06 Datasheet HTML 12Page - Cirrus Logic CS4297A_06 Datasheet HTML 13Page - Cirrus Logic CS4297A_06 Datasheet HTML 14Page - Cirrus Logic CS4297A_06 Datasheet HTML 15Page - Cirrus Logic CS4297A_06 Datasheet HTML 16Page - Cirrus Logic CS4297A_06 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
CS4297A
13
3. AC LINK FRAME DEFINITION
The AC-link is a bidirectional serial port with data
organized into frames consisting of one 16-bit and
twelve 20-bit time-division multiplexed slots. The
first slot, called the tag slot, contains bits indicating
if the CS4297A is ready to receive data (input
frame) and which, if any, other slots contain valid
data. Slots 1 through 12 contain audio or con-
trol/status data. Both the serial data output and in-
put frames are defined from the controller
perspective, not from the CS4297A perspective.
The controller synchronizes the beginning of a
frame with the assertion of the SYNC signal.
Figure 9 shows the position of each bit location
within the frame. The first bit position in a new se-
rial data frame is F0 and the last bit position in the
serial data frame is F255. When SYNC goes active
(high) and is sampled active by the CS4297A (on
the falling edge of BIT_CLK), both devices are
synchronized to a new serial data frame. The data
on the SDATA_OUT pin at this clock edge is the
final bit of the previous frame’s serial data. On the
next rising edge of BIT_CLK, the first bit of Slot 0
is driven by the controller on the SDATA_OUT
pin. On the next falling edge of BIT_CLK, the
CS4297A latches this data in, as the first bit of the
frame.
20.8
µs
(48 kHz)
Tag Phase
Data Phase
12.288 MHz
81.4 ns
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
F0
F1
F2
F16
F15
F14
F13
F12
F35
F56
F76
D19
F255
Valid
Frame
Slot 1
Valid
0
R/W
0
WD15
F36
F57
D19
D18
D19
D19
D18
D19
RD15
0
0
0
0
F0
F1
F2
F16
F15
F14
F13
F12
F35
F56
F76
F255
F36
F57
F255
F255
0
0
GPIO
INT
F96
F96
D19
Slot 0
Slot 1
Slot 2
Slot 3
Slot 4
Slots 5-12
Slot 2
Valid
Slot 1
Valid
Slot 2
Valid
Codec
Ready
0
Slot 12
Valid
Codec
ID1
Codec
ID0
Slot 12
Valid
GPIO
INT
Bit Frame Position:
Bit Frame Position:
Figure 9. AC-link Input and Output Framing
DS318PP6
13
CS4297A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com