Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBRC-L Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PBRC-L
Description  MHz Band Ceramic Chip Resonators (SMD)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PBRC-L Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PBRC-L Datasheet HTML 1Page - Kyocera Kinseki Corpotation PBRC-L Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MHz Band Ceramic Chip Resonators (SMD)
PBRC-G / PBRC-L Series
Features
• High reliability, high temperature
withstanding ceramic case
• Rectangular shape allows easy pick and
placement
• Small & low profile
• Reflow solderable
• Excellent Solderability(Nickel barrier
+Au
flush termination)
Test Circuit
Dimensions
(Unit : mm)
(Unit : mm)
XXXX
1.2
2.5
2.5
13
R0.2
7.4
C1
C2
Resonator
Out
Rf
Vdd
=5.0V
7
4
3
2
1
14
MC14069UB
or
MC74HCU04
Recommended Land Pattern (Unit : mm)
(Unit : mm)
1.7
1.7
4.0
5.0
The thickness of solder paste : 0.2mm
Remark:
C1 and C2 are referenced capacitance values to measure
each parameter under.
The right test circuit(IC: MC14069UD).
C1 and C2 values would be modified depend upon various IC
to be used.
Standard Tol. :
±0.3
Standard Tol. :
±0.2
Please contact our local sales office if you need over 8MHz.
Specifications
Series
Frequency
Frequency
Temperature
Range(MHz) Tolerance(25
°C)
Stability
±0.5%
±0.5%
2.00 to 8.00 (op.
±0.3%) (−40 to 85°C)
PBRC-G
±0.7%
±0.1%
8.01 to 20.0 (op.
±0.5%) (−40 to 85°C)
±0.5%
±0.5%
3.68 to 8.00 (op.
±0.3%) (−40 to 85°C)
PBRC-L
±0.7%
±0.1%
8.01 to 20.0 (op.
±0.5%) (−40 to 85°C)
PBRC-G Type
Rf
=1MΩ
C1
=C2=30pF(2.00 to 8.00MHz) IC: MC14069UB
C1
=C2=10pF(8.01 to 20.0MHz) IC: MC74HCU04
PBRC-L Type
Rf
=1MΩ
C1
=C2=15pF(4.00 to 8.00MHz) IC: MC14069UB
C1
=C2=10pF(8.01 to 20.0MHz) IC: MC74HCU04
PBRC-L Type
PBRC-G Type
PBRC-L Type
PBRC-G Type
13
6-R0.45
1.5
1.5
4.1
4.5
0.4
XXX
6.7
6-0.3
3.0
1.0
1.0
0.4
How to Order
PBRC 15.00 G R 10 Y 0AB
qSeries (PBRC: Consumer)
wFrequency (MHz)
eType(G,L)
rPacking _ Bulk
(Null)
R
Reel
tFrequency Tolerance at 25
°C
yOperating temperature
uUnique code
w
qe rt y u
10
±0.1%
20
±0.2%
30
±0.3%
40
±0.4%
50
±0.5%
70
±0.7%
X
−40 / 85°C
Y
−40 / 125°C
Z
−40 / 150°C
RoHS Conforming


Similar Part No. - PBRC-L

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
PBRC-10.00HR AVX-PBRC-10.00HR Datasheet
76Kb / 2P
MHz Band Ceramic Resonators (SMD) PBRC-G Series
PBRC-3.58HR AVX-PBRC-3.58HR Datasheet
76Kb / 2P
MHz Band Ceramic Resonators (SMD) PBRC-G Series
PBRC-358AR AVX-PBRC-358AR Datasheet
155Kb / 2P
PBRC -A Series Chip Resonators MHz Band SMT Resonators
PBRC-4.00BR AVX-PBRC-4.00BR Datasheet
130Kb / 2P
Built-in Capacitor MHz Band SMT Resonators
PBRC-4.00GB03 AVX-PBRC-4.00GB03 Datasheet
76Kb / 2P
MHz Band Ceramic Resonators (SMD) PBRC-G Series
More results

Similar Description - PBRC-L

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCR ABRACON-ASCR Datasheet
376Kb / 2P
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
logo
KEC(Korea Electronics)
PBRV-H KEC-PBRV-H Datasheet
107Kb / 2P
MHz Band Ceramic Chip Resonators (SMD)
logo
Shenzhen Luguang Electr...
ZTTCE11.06MG LUGUANG-ZTTCE11.06MG Datasheet
1Mb / 9P
SMD Ceramic Resonators
ZTTCE14.56MG LUGUANG-ZTTCE14.56MG Datasheet
478Kb / 9P
SMD Ceramic Resonators
logo
AVX Corporation
PBRC12.00HR70X000 AVX-PBRC12.00HR70X000 Datasheet
207Kb / 5P
MHz Band Ceramic Chip Resonators (SMD) PBRV-H/ PBRV-M/ PRQV Series
PBRC-358AR AVX-PBRC-358AR Datasheet
155Kb / 2P
PBRC -A Series Chip Resonators MHz Band SMT Resonators
PBRC2000HR50X000 AVX-PBRC2000HR50X000 Datasheet
110Kb / 1P
MHz Band Ceramic Chip Resonators (SMD) PBRC-H / PBRC-M / PRQC Series
logo
Kyocera Kinseki Corpota...
PBRV419MR50Y000 KSS-PBRV419MR50Y000 Datasheet
110Kb / 5P
MHz Band Ceramic Chip Resonators (SMD) PBRV/ PRQV Frequency Tight Tolerance Series
logo
PETERMANN-TECHNIK
ZTACC-MG PETERMANN-ZTACC-MG Datasheet
1Mb / 5P
SMD CERAMIC RESONATORS
logo
AVX Corporation
PBRC-A AVX-PBRC-A Datasheet
130Kb / 2P
MHz Band SMT Resonators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com