Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4340-DSZ Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4340-DSZ
Description  24-Bit, 96 kHz Stereo DAC for Audio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340-DSZ Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4340-DSZ Datasheet HTML 17Page - Cirrus Logic CS4340-DSZ Datasheet HTML 18Page - Cirrus Logic CS4340-DSZ Datasheet HTML 19Page - Cirrus Logic CS4340-DSZ Datasheet HTML 20Page - Cirrus Logic CS4340-DSZ Datasheet HTML 21Page - Cirrus Logic CS4340-DSZ Datasheet HTML 22Page - Cirrus Logic CS4340-DSZ Datasheet HTML 23Page - Cirrus Logic CS4340-DSZ Datasheet HTML 24Page - Cirrus Logic CS4340-DSZ Datasheet HTML 25Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
CS4340
DS297F3
21
5. PARAMETER DEFINITIONS
Total Harmonic Distortion + Noise (THD+N)
A measure of crosstalk between the left and right channels. Measured for each channel at the converter's
output with all zeros to the input under test and a full-scale signal applied to the other channel. Units in
decibels.
Dynamic Range
The ratio of the full scale rms value of the signal to the rms sum of all other spectral components over the
specified bandwidth. Dynamic range is a signal-to-noise measurement over the specified bandwidth
made with a -60 dBFS signal. 60 dB is then added to the resulting measurement to refer the measurement
to full scale. This technique ensures that the distortion components are below the noise level and do not
effect the measurement. This measurement technique has been accepted by the Audio Engineering
Society, AES17-1991, and the Electronic Industries Association of Japan, EIAJ CP-307.
Interchannel Isolation
A measure of crosstalk between the left and right channels. Measured for each channel at the converter’s
output with all zeros to the input under test and a full-scale signal applied to the other channel. Units in
decibels.
Interchannel Gain Mismatch
The gain difference between left and right channels. Units in decibels.
Gain Error
The deviation from the nominal full scale analog output for a full scale digital input.
Gain Drift
The change in gain value with temperature. Units in ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com