Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2176GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2176GL
Description  6V, 6A, High-Efficiency, Synchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2176GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2176GL Datasheet HTML 1Page - Monolithic Power Systems MP2176GL Datasheet HTML 2Page - Monolithic Power Systems MP2176GL Datasheet HTML 3Page - Monolithic Power Systems MP2176GL Datasheet HTML 4Page - Monolithic Power Systems MP2176GL Datasheet HTML 5Page - Monolithic Power Systems MP2176GL Datasheet HTML 6Page - Monolithic Power Systems MP2176GL Datasheet HTML 7Page - Monolithic Power Systems MP2176GL Datasheet HTML 8Page - Monolithic Power Systems MP2176GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP2176 – 6V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2176 Rev. 1.0
www.MonolithicPower.com
4
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40 to +125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
1
2
μA
Supply current (quiescent)
IIN
VEN = 2V, VFB = 1V
0.6
1.05
1.3
mA
High-side switch on resistance
HSRDS(ON)
TJ = 25°C
19.8
Low-side switch on resistance
LSRDS(ON)
TJ = 25°C
15.3
Switch leakage
SWLKG
VEN = 0V, VSW = 0V or 5V
0.01
3
μA
High-side current limit
ILIMIT
9.5
12
14.5
A
One-shot on time
tON
RFREQ = 165
kΩ, VOUT = 1.2V
200
ns
Minimum off time
tOFF
50
100
150
ns
Foldback timer (5)
tFOLDBACK
OCP occurs
2.5
μs
OVP threshold
VOVP
110%
120%
130%
V
OVP delay (5)
tOVP
1
μs
UVP threshold (5)
VUVP
50%
VREF
Reference voltage
VREF
TJ = -20°C to +85°C
604
610
616
mV
TJ = -40°C to +125°C
601
610
619
Feedback current
IFB
VFB = 610mV
0.001
150
nA
Soft-start charging current
ISS
VSS = 0V
5
7.5
10
μA
Enable input low voltage
VILEN
1.4
1.8
V
Enable hysteresis
VEN-HYS
890
mV
Enable input current
IEN
VEN = 2V
1.5
2
μA
VEN = 0V
0.01
1
VCC under-voltage lockout
threshold rising
VCCVth
2.3
2.8
2.95
V
VCC under-voltage lockout
threshold hysteresis
VCCHYS
300
mV
Power good rising threshold
PGVth-Hi
84%
90%
96%
VREF
Power good falling threshold
PGVth-Lo
63%
70%
73%
VREF
Power good deglitch timer
PGTd
TSS = 1ms
2000
5000
μs
Power good sink current
capability
VPG
Sink 4mA
0.4
V
Power good leakage current
IPG_LEAK
VPG = 3.3V
50
150
nA
Thermal shutdown (5)
TSD
150
160
°C
Thermal shutdown hysteresis
25
°C
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com