Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6096 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6096
Description  NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6096 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6096 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6096 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6096 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6096 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6096
No. A0434-3/4
4.0
0
3.0
3.5
2.5
2.0
1.5
1.0
0.5
20
060
40
80
100
140
120
160
IT11124
0
1.4
1.3
1.2
1.0
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT11123
Mounted
on
a
ceramic
board
(250mm
2!
0.8mm)
PC -- Ta
PC -- Tc
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
5
5
3
3
2
100
10
7
7
IT11119
Ta=75
°C
--25
°C
IT11120
IC / IB=10
25°
C
3
1.0
3
5
Ta= --25°C
25°C
75°C
2
7
IC / IB=10
IT11121
Ta=75
°C
25
°C
--25
°C
100
1000
7
3
3
2
2
5
7
5
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.01
3
25
0.1
72
3
5
1.0
72
100
2
7
5
3
2
7
5
3
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.1
3
25
1.0
73
25
7
2
3
10
57 100
0.1
0.01
3
7
5
3
7
5
3
2
2
0.01
3
25
0.1
72
3
22
3
2
5
1.0
7
VCE=5V
IT11117
IT11118
VCE=10V
f=1MHz
0.01
2
0.1
7
5
3
2
2
1.0
7
5
3
5
3
1.0
0.1
2
25
37
10
2
5
37
IT11122
10ms
<10µs
ICP=3A
IC=2A
100
2
5
37
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
Tc=25
°C
Single Pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com