Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2003 Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MPX2003
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003 Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MPX2003 Datasheet HTML 22Page - Monolithic Power Systems MPX2003 Datasheet HTML 23Page - Monolithic Power Systems MPX2003 Datasheet HTML 24Page - Monolithic Power Systems MPX2003 Datasheet HTML 25Page - Monolithic Power Systems MPX2003 Datasheet HTML 26Page - Monolithic Power Systems MPX2003 Datasheet HTML 27Page - Monolithic Power Systems MPX2003 Datasheet HTML 28Page - Monolithic Power Systems MPX2003 Datasheet HTML 29Page - Monolithic Power Systems MPX2003 Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
26
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the VCC Capacitor
Figure 13 shows the start-up circuit.
VCC
GND
HV
Figure 13: Start-Up Circuit
VCC is initially charged by HV. When VCC reaches
VCC-IOFF, HV stops charging VCC and the IC starts
to operate. To guarantee a successful start-up,
VOUT should be set up before VCC drops to VCC_MIN.
For most applications, choose a VCC capacitor
value that is about 22µF. To ensure safe
operation across the entire input and output
range (especially under no load conditions), VCC
should have some margin. Usually, the minimum
VCC is recommended to be about 1V greater than
the minimum operating voltage (VCC-MIN). The
recommended VCC capacitor (CVCC) value can
be calculated with Equation (1):
OP
START UP
VCC
CC IOFF
CC MIN
It
C
VV
−−
(1)
Designing the Transformer’s Magnetizing
Inductance
The MPX2003
’s maximum switching frequency
(fSW) is recommended to be 130kHz at maximum.
With internal slope compensation, the MPX2003
supports CCM when the duty cycle exceeds 50%.
Set a ratio (KP) for the primary inductor’s ripple
current amplitude vs. the peak current value to
0 < KP ≤ 1, where KP = 1 for DCM.
Figure 14 shows the relevant waveforms. A
larger inductor leads to a smaller KP, which can
reduce
the
RMS
current
but
increase
transformer size. An optimal KP value is between
0.6 and 0.8 for the universal input range, or 0.8
to 1 for the 230VAC input range.
IRIPPLE
KP = IRIPPLE / IPEAK
IPEAK
IAV
Figure 14: Typical Primary Current Waveform
The input power (PIN) at the minimum input can
be estimated with Equation (2):
OUT
OUT
IN
VI
P
=
(2)
Where VOUT is the output voltage, IOUT is the rated
output current, and ƞ is the estimated efficiency
(typically between 0.85 and 0.9 depending on
the input range and output application).
During
CCM
at
the
minimum
input,
the
converter’s maximum duty cycle can be
calculated with Equation (3):
OUT
FWD
MAX
OUT
FWD
IN(MIN)
PS
PS
(V
V
) N
D
(V
V
) N
V
+
=
+
+
(3)
Where VFWD is the secondary SR MOSFET
regulated
forward
voltage,
NPS
is
the
transformer’s primary-secondary turn ratio, and
VIN(MIN) is the minimum voltage on the bulk
capacitor.
The MOSFET turn-on time can be estimated with
Equation (4):
ON
S
t
D t
=
(4)
Where tS is the frequency jitter’s dominant
switching period. The relationship between tSMIN
and fSW-MAX can be calculated with Equation (5):
==
SW MAX
SMIN
1
f
130kHz
t
(5)
The average value for the primary current can be
estimated with Equation (6):
IN
AV
IN(MIN)
P
I
V
=
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com