Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2003GYT Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPX2003GYT
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GYT Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPX2003GYT Datasheet HTML 1Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 2Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 3Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 4Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 5Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 6Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 7Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 8Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
4
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
TSOICW16-15 SOICW-16
1
1
HV
High voltage. The HV pin implements an internal, high-voltage current
source for the primary IC’s start-up sequence and normal operation. HV
samples the input voltage for brown-in/brownout protection and provides
line compensation on the primary peak current.
-
2
NC
No connection.
3
3
PEP
External protection on the primary IC. The PEP pin provides external
protections. Protections include but are not limited to over-temperature
protection (OTP) for the primary MOSFET and over-voltage protection
(OVP) on the auxiliary winding. An internal current source allows for a
direct connection between the external protection circuit and the PEP pin.
4
4
PGND Ground of the primary-side IC.
5
5
VCC
Power supply for the primary IC operation. The VCC pin senses the
output voltage (VOUT) indirectly to provide over-voltage protection (OVP).
6
6
PDRV Output drive for the primary-side external power MOSFET.
7
7
CS
Primary MOSFET current sense for peak current mode regulation and
SCP. The CS pin implements over-power compensation based on the HV
voltage.
8
8
PGND Ground of the primary-side IC.
9
9
SDRV Output drive for the secondary-side external power MOSFET.
10
10
SRD
Voltage-sense drain of the synchronous rectifier MOSFET. The
voltage on the SRD pin controls the SR drive and QR operation. This pin
can also supply power to VDD.
11
11
SGND Ground of the secondary side IC.
12
12
COMP
Internal error amplifier for output voltage regulation. Connect the
compensation network to the COMP pin to adjust the regulating
performance. COMP can be configured as an external compensation
network. The COMP voltage can be monitored for secondary overload
protection (SOLP).
13
13
VDD
Power supply for the secondary IC operation.
14
14
FB
Feedback for constant voltage regulation. Connect FB to a resistor
divider to sense VOUT. FB can be reused to achieve output OVP and OLP.
15
15
IS
Output current sense. IS senses the output current (IOUT) when a current-
sense resistor is connected to the output loop. This also provides accurate
overload protection (OLP). In addition, the IS voltage can be used for cable
drop compensation.
16
16
SGND Ground of the secondary side IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com