Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4360-KZ Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4360-KZ
Description  24-Bit, 192 kHz 6 Channel D/A Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KZ Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4360-KZ Datasheet HTML 28Page - Cirrus Logic CS4360-KZ Datasheet HTML 29Page - Cirrus Logic CS4360-KZ Datasheet HTML 30Page - Cirrus Logic CS4360-KZ Datasheet HTML 31Page - Cirrus Logic CS4360-KZ Datasheet HTML 32Page - Cirrus Logic CS4360-KZ Datasheet HTML 33Page - Cirrus Logic CS4360-KZ Datasheet HTML 34Page - Cirrus Logic CS4360-KZ Datasheet HTML 35Page - Cirrus Logic CS4360-KZ Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
CS4360
32
DS517F2
6.3.1
ATAPI CHANNEL MIXING AND MUTING (ATAPI) BIT 0-3
Default = 1001 - AOUTAx = L, AOUTBx = R (Stereo)
Function:
The CS4360 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to
Table 9 and Figure 22 for additional information.
Note:
All mixing functions occur prior to the digital volume control. Mixing only occurs in channel pairs.
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTAx
AOUTBx
00
00
MUTE
MUTE
00
01
MUTE
R
00
10
MUTE
L
00
11
MUTE
[(L+R)/2]
01
00
R
MUTE
01
01
R
R
01
10
R
L
01
11
R
[(L+R)/2]
10
00
L
MUTE
10
01
L
R
10
10
L
L
10
11
L
[(L+R)/2]
11
00
[(L+R)/2]
MUTE
11
01
[(L+R)/2]
R
11
10
[(L+R)/2]
L
11
11
[(L+R)/2]
[(L+R)/2]
Table 9. ATAPI Decode
Σ
A Channel
Volume
Control
AoutA
AoutB
Left Channel
Audio Data
Right Channel
Audio Data
B Channel
Volume
Control
& Mute
& Mute
Figure 22. ATAPI Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com