Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4351 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4351 Datasheet HTML 18Page - Cirrus Logic CS4351 Datasheet HTML 19Page - Cirrus Logic CS4351 Datasheet HTML 20Page - Cirrus Logic CS4351 Datasheet HTML 21Page - Cirrus Logic CS4351 Datasheet HTML 22Page - Cirrus Logic CS4351 Datasheet HTML 23Page - Cirrus Logic CS4351 Datasheet HTML 24Page - Cirrus Logic CS4351 Datasheet HTML 25Page - Cirrus Logic CS4351 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
22
DS566F1
CS4351
4. Write the desired data to the register pointed to by the MAP.
5. If the INCR bit (see Section 4.9.1) is set to 1, repeat the previous step until all the desired registers
are written, then bring CS high.
6. If the INCR bit is set to 0 and further SPI writes to other registers are desired, it is necessary to bring
CS high, and follow the procedure detailed from step 1. If no further writes to other registers are de-
sired, bring CS high.
)
4.10
Memory Address Pointer (MAP)
4.10.1
INCR (AUTO MAP INCREMENT ENABLE)
Default = ‘0’
0 - Disabled
1 - Enabled
4.10.2
MAP (MEMORY ADDRESS POINTER)
Default = ‘0000’
76543210
INCR
Reserved
Reserved
Reserved
MAP3
MAP2
MAP1
MAP0
00000000
MAP
MSB
LSB
DATA
byte 1
byte n
R/W
MAP = Mem ory Address Pointer
ADDRESS
CHIP
CDIN
CC LK
CS
1001100
Figure 10. Control Port Timing, SPI mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com