Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4352 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4352
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4352 Datasheet HTML 6Page - Cirrus Logic CS4352 Datasheet HTML 7Page - Cirrus Logic CS4352 Datasheet HTML 8Page - Cirrus Logic CS4352 Datasheet HTML 9Page - Cirrus Logic CS4352 Datasheet HTML 10Page - Cirrus Logic CS4352 Datasheet HTML 11Page - Cirrus Logic CS4352 Datasheet HTML 12Page - Cirrus Logic CS4352 Datasheet HTML 13Page - Cirrus Logic CS4352 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
DS684F2
CS4352
3. TYPICAL CONNECTION DIAGRAM
Digital
Audio
Source
VL
MCLK
AOUTA
0.1 µF
10 µF
+3.3 V *
Mode
Configuration
SDIN
DIF1
DIF0
DEM
Optional
Mute
Circuit
RST
BMUTEC
3.3 µF
Left Out
VBIAS+
VQ
LRCK
SCLK
3.3 µF
10 k
Ω
560
Ω
AOUTB
3.3 µF
VA_H
0.1 µF
10 µF
0.1 µF
+1.5 V to VD
+9 V to +12 V
AMUTEC
0.1 µF
10 µF
+3.3 V
5.1
Ω∗
2.2 nF*
*Optional
*Shown value is
for Fc=130 kHz
*Remove this supply if
optional resistor is present.
The decoupling caps should
remain.
1
2
3
4
20
10
7
8
9
6
15
5
11
12
17
19
18
Optional
Mute
Circuit
Right Out
3.3 µF
10 k
Ω
560
Ω
2.2 nF*
14
15
13
Figure 2. Typical Connection Diagram
CS4352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com